Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM25011 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LM25011
Descripción Electrónicos  LM25011, LM25011-Q1, LM25011A, LM25011A-Q1 42-V 2-A Constant On-Time Switching Regulator With Adjustable Current Limit
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM25011 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM25011_15 Datasheet HTML 3Page - Texas Instruments LM25011_15 Datasheet HTML 4Page - Texas Instruments LM25011_15 Datasheet HTML 5Page - Texas Instruments LM25011_15 Datasheet HTML 6Page - Texas Instruments LM25011_15 Datasheet HTML 7Page - Texas Instruments LM25011_15 Datasheet HTML 8Page - Texas Instruments LM25011_15 Datasheet HTML 9Page - Texas Instruments LM25011_15 Datasheet HTML 10Page - Texas Instruments LM25011_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LM25011, LM25011-Q1, LM25011A, LM25011A-Q1
www.ti.com
SNVS617H – APRIL 2009 – REVISED NOVEMBER 2014
6.7 Typical Characteristics
Figure 1. Efficiency (Circuit of Figure 19)
Figure 2. Efficiency at 2 MHz
Figure 3. On-Time vs VIN and RT
Figure 4. Voltage at the RT Pin
Figure 5. Shutdown Current into VIN
Figure 6. Operating Current into VIN
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM25011 LM25011-Q1 LM25011A LM25011A-Q1


Número de pieza similar - LM25011_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25011Q1MY TI-LM25011Q1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MY TI-LM25011Q1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MYX TI-LM25011Q1MYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011Q1MYX TI-LM25011Q1MYX Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
More results

Descripción similar - LM25011_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM34922 TI-LM34922_15 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM25085 TI-LM25085_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM25085 / -Q1 42V Constant On-Time PFET Buck Switching Controller
LM34919C-Q1 TI1-LM34919C-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com