Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM25018 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza LM25018
Descripción Electrónicos  LM25018 48-V, 325-mA Constant On-Time Synchronous Buck Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM25018 Datasheet(HTML) 5 Page - Texas Instruments

  LM25018_15 Datasheet HTML 1Page - Texas Instruments LM25018_15 Datasheet HTML 2Page - Texas Instruments LM25018_15 Datasheet HTML 3Page - Texas Instruments LM25018_15 Datasheet HTML 4Page - Texas Instruments LM25018_15 Datasheet HTML 5Page - Texas Instruments LM25018_15 Datasheet HTML 6Page - Texas Instruments LM25018_15 Datasheet HTML 7Page - Texas Instruments LM25018_15 Datasheet HTML 8Page - Texas Instruments LM25018_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
LM25018
www.ti.com
SNVS953D – DECEMBER 2012 – REVISED DECEMBER 2014
6.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature
range, unless otherwise stated. VIN = 48 V unless otherwise stated. See
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC SUPPLY
VCC Reg
VCC Regulator Output
VIN = 48 V, ICC = 20 mA
6.25
7.6
8.55
V
VCC Current Limit
VIN = 48 V
(2)
26
mA
VCC Undervoltage Lockout Voltage
4.15
4.5
4.9
V
(VCC increasing)
VCC Undervoltage Hysteresis
300
mV
VCC Drop Out Voltage
VIN = 9 V, ICC = 20 mA
2.3
V
IIN Operating Current
Nonswitching, FB = 3 V
1.75
mA
IIN Shutdown Current
UVLO = 0 V
50
225
µA
SWITCH CHARACTERISTICS
Buck Switch RDS(ON)
ITEST = 200 mA, BST-SW = 7 V
0.8
1.8
Synchronous RDS(ON)
ITEST = 200 mA
0.45
1
Gate Drive UVLO
VBST – VSW Rising
2.4
3
3.6
V
Gate Drive UVLO Hysteresis
260
mV
CURRENT LIMIT
Current Limit Threshold
390
575
750
mA
Current Limit Response Time
Time to Switch Off
150
ns
OFF-Time Generator (Test 1)
FB = 0.1 V, VIN = 48 V
12
µs
OFF-Time Generator (Test 2)
FB = 1.0 V, VIN = 48 V
2.5
µs
REGULATION AND OVERVOLTAGE COMPARATORS
Internal Reference Trip Point for
FB Regulation Level
1.2
1.225
1.25
V
Switch ON
FB Overvoltage Threshold
Trip Point for Switch OFF
1.62
V
FB Bias Current
60
nA
UNDERVOLTAGE SENSING FUNCTION
UV Threshold
UV Rising
1.19
1.225
1.26
V
UV Hysteresis Input Current
UV = 2.5 V
–10
–20
–29
µA
Remote Shutdown Threshold
Voltage at UVLO Falling
0.32
0.66
V
Remote Shutdown Hysteresis
110
mV
THERMAL SHUTDOWN
Tsd
Thermal Shutdown Temperature
165
°C
Thermal Shutdown Hysteresis
20
°C
(1)
All hot and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying
statistical process control.
(2)
VCC provides self bias for the internal gate drive and control circuits. Device thermal limitations limit external loading.
6.6 Switching Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over –40°C to 125°C junction temperature range
unless otherwise stated. VIN = 48 V unless otherwise stated.
MIN
TYP
MAX
UNIT
ON-TIME GENERATOR
TON Test 1
VIN = 32 V, RON = 100 k
270
350
460
ns
TON Test 2
VIN = 48 V, RON = 100 k
188
250
336
ns
TON Test 4
VIN = 10 V, RON = 250 k
1880
3200
4425
ns
MINIMUM OFF-TIME
Minimum Off-Timer
FB = 0 V
144
ns
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25018


Número de pieza similar - LM25018_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25018MR/NOPB TI-LM25018MR/NOPB Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25018MRE/NOPB TI-LM25018MRE/NOPB Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25018MRX/NOPB TI-LM25018MRX/NOPB Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25018SD/NOPB TI-LM25018SD/NOPB Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
LM25018SDE/NOPB TI-LM25018SDE/NOPB Datasheet
337Kb / 18P
[Old version datasheet]   48V, 325mA Constant On-Time Synchronous Buck Regulator
More results

Descripción similar - LM25018_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM25019 TI-LM25019_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM25019 48-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM25017 TI-LM25017_15 Datasheet
1Mb / 31P
[Old version datasheet]   LM25017 48-V, 650-mA Constant On-Time Synchronous Buck Regulator
LM25019 TI1-LM25019_16 Datasheet
1Mb / 28P
[Old version datasheet]   100-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
LM5018 TI1-LM5018_13 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 300 mA Constant On-Time Synchronous Buck Regulator
LM5019 TI1-LM5019_14 Datasheet
1Mb / 25P
[Old version datasheet]   100 V, 100 mA Constant On-Time Synchronous Buck Regulator
LM5018 TI-LM5018_15 Datasheet
1Mb / 32P
[Old version datasheet]   100-V, 300-mA Constant On-Time Synchronous Buck Regulator
LM5017 TI1-LM5017_17 Datasheet
1Mb / 33P
[Old version datasheet]   LM5017 100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com