Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM26001 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM26001
Descripción Electrónicos  LM26001/-Q1 1.5-A Switching Regulator With High-Efficiency Sleep Mode
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM26001 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM26001_15 Datasheet HTML 4Page - Texas Instruments LM26001_15 Datasheet HTML 5Page - Texas Instruments LM26001_15 Datasheet HTML 6Page - Texas Instruments LM26001_15 Datasheet HTML 7Page - Texas Instruments LM26001_15 Datasheet HTML 8Page - Texas Instruments LM26001_15 Datasheet HTML 9Page - Texas Instruments LM26001_15 Datasheet HTML 10Page - Texas Instruments LM26001_15 Datasheet HTML 11Page - Texas Instruments LM26001_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
TEMPERATURE (ºC)
-40 -20
0
20
40
60
80 100 120 140
On Threshold
Off Threshold
100
101
102
-40
0
40
80
120
TEMPERATURE (ºC)
100
98
99
140
60
20
-20
TEMPERATURE (ºC)
50
70
90
-40
0
40
80
120
100
20
30
140
60
20
-20
40
60
80
IQ
(VBIAS=0V)
IQ
(VBIAS=5V)
IVBIAS
(VBIAS=5V)
500
700
TEMPERATURE (ºC)
600
100
200
300
400
-40
0
40
80
120
100
140
60
20
-20
IQ
(VBIAS=0V)
IQ
(VBIAS=5V)
IVBIAS
(VBIAS=5V)
VIN (V)
1.232
1.233
1.234
1.235
1.236
0
5
10
15
20
25
30
35
40
TEMPERATURE (ºC)
-40
0
40
80
120
100
140
60
20
-20
1.228
1.230
1.232
1.234
1.236
LM26001, LM26001-Q1
SNVS430I – MAY 2006 – REVISED MARCH 2015
www.ti.com
6.7 Typical Characteristics
Unless otherwise specified the following conditions apply: VIN = 12 V, TJ = 25°C.
Figure 1. VFB vs Temperature
Figure 2. VFB vs Vin (IDC = 300 mA)
Figure 4. IQ and IVBIAS vs Temperature (PWM Mode)
Figure 3. IQ and IVBIAS vs Temperature (Sleep Mode)
Figure 5. Normalized Switching Frequency vs Temperature
Figure 6. UVLO Threshold vs Temperature (VDD = VIN)
(300 kHz)
8
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM26001 LM26001-Q1


Número de pieza similar - LM26001_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
More results

Descripción similar - LM26001_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM26003 NSC-LM26003 Datasheet
436Kb / 18P
   3A Switching Regulator with High Efficiency Sleep Mode
LM26001_0609 NSC-LM26001_0609 Datasheet
864Kb / 17P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001B NSC-LM26001B Datasheet
492Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26001 NSC-LM26001 Datasheet
854Kb / 16P
   1.5A Switching Regulator with High Efficiency Sleep MODE
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
logo
Texas Instruments
LM26001 TI1-LM26001_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.5A Switching Regulator with High Efficiency Sleep Mode
LM26003 TI-LM26003_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM26003-xx 3-A Switching Regulator With High Efficiency Sleep Mode
LM26001B TI-LM26001B_15 Datasheet
1,017Kb / 27P
[Old version datasheet]   LM26001B 1.5A Switching Regulator with High Efficiency Sleep Mode
LM2651 TI1-LM2651_16 Datasheet
887Kb / 23P
[Old version datasheet]   1.5 A High-Efficiency Synchronous Switching Regulator
LM2770 TI-LM2770_15 Datasheet
2Mb / 20P
[Old version datasheet]   High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com