Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM27341-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LM27341-Q1
Descripción Electrónicos  LM27341/LM27342/LM27341-Q1/LM27342-Q1 2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM27341-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM27341-Q1 Datasheet HTML 3Page - Texas Instruments LM27341-Q1 Datasheet HTML 4Page - Texas Instruments LM27341-Q1 Datasheet HTML 5Page - Texas Instruments LM27341-Q1 Datasheet HTML 6Page - Texas Instruments LM27341-Q1 Datasheet HTML 7Page - Texas Instruments LM27341-Q1 Datasheet HTML 8Page - Texas Instruments LM27341-Q1 Datasheet HTML 9Page - Texas Instruments LM27341-Q1 Datasheet HTML 10Page - Texas Instruments LM27341-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
LM27341, LM27342, LM27341-Q1, LM27342-Q1
www.ti.com
SNVS497E – NOVEMBER 2008 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
All curves taken at VIN = 12V, VBOOST - VSW = 4.3V and TA = 25°C, unless specified otherwise.
VIN = 12V, VOUT = 5 V, L = 2.2 µH, COUT = 44 µF Iout =1A
VIN = 12V, VOUT = 3.3V, L = 1.5 µH COUT = 44 µF Iout =1A
Refer to Figure 40
Refer to Figure 46
Figure 17.
Figure 18.
VIN = 5V, VOUT = 1.8V, L = 1.0 µH COUT = 44 µF Iout =1A
VIN = 5V, VOUT = 1.2V, L = 0.56 µH COUT = 68 µF Iout =1A
Refer to Figure 55
Refer to Figure 61
Figure 19.
Figure 20.
Sync Functionality
Loss of Synchronization
Figure 21.
Figure 22.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM27341 LM27342 LM27341-Q1 LM27342-Q1


Número de pieza similar - LM27341-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI1-LM27341 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
National Semiconductor ...
LM27341MY NSC-LM27341MY Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341MY NSC-LM27341MY Datasheet
769Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341MYX NSC-LM27341MYX Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
More results

Descripción similar - LM27341-Q1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM27341 NSC-LM27341 Datasheet
717Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM27341 NSC-LM27341_10 Datasheet
769Kb / 30P
   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
logo
Texas Instruments
LM27341 TI1-LM27341_14 Datasheet
1Mb / 42P
[Old version datasheet]   2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
LM3671 TI-LM3671_15 Datasheet
6Mb / 36P
[Old version datasheet]   LM3671/-Q1 2-MHz, 600-mA Step-Down DC-DC Converter6
LM2830 TI-LM2830_15 Datasheet
1Mb / 37P
[Old version datasheet]   LM2830/-Q1 High-Frequency 1.0-A Load Step-Down DC-DC Regulator
TPS5430-Q1 TI-TPS5430-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS5430-Q1 3-A Wide-Input-Range Step-Down Converter
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
TPS55340-Q1 TI-TPS55340-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS55340-Q1 Integrated 5-A, Wide Input Range Boost, SEPIC, or Flyback DC-DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com