Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM34922 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza LM34922
Descripción Electrónicos  28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LM34922 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM34922_15 Datasheet HTML 4Page - Texas Instruments LM34922_15 Datasheet HTML 5Page - Texas Instruments LM34922_15 Datasheet HTML 6Page - Texas Instruments LM34922_15 Datasheet HTML 7Page - Texas Instruments LM34922_15 Datasheet HTML 8Page - Texas Instruments LM34922_15 Datasheet HTML 9Page - Texas Instruments LM34922_15 Datasheet HTML 10Page - Texas Instruments LM34922_15 Datasheet HTML 11Page - Texas Instruments LM34922_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
UVLO
VIN
SW Pin
Inductor
Current
SS Pin
t1
PGD
VOUT
SS
RT
FB
VIN
SW
VIN
BST
L1
CBST
D1
SD
CS
LEVEL
SHIFT
ON TIMER
FINISH
START
LOGIC
Gate Drive
UVLO
5V REGULATOR
Input
CL
CL
2.5V
REGULATION
COMPARATOR
LM34922
10
PA
CURRENT
LIMIT COMPARATOR
FINISH
START
OFF TIMER
THERMAL
SHUTDOWN
FCIC
CONTROL
PGD
2.375V
0.8V
RPGD
CSG
Power
Good
125 mV
UVLO
SGND
RS
+
-
CURRENT LIMIT
THRESHOLD
+
-
6V to 28V
CBYP
CIN
RT
CSS
COUT
VOUT
RFB2
RFB2
+
-
+
-
Pre - Chg
LM34922
SNVS813A – JUNE 2012 – REVISED MARCH 2013
www.ti.com
Block Diagram
WHITE SPACE
Figure 15. Startup Sequence
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM34922


Número de pieza similar - LM34922_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM34922MY TI1-LM34922MY Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922MYX TI1-LM34922MYX Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results

Descripción similar - LM34922_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
National Semiconductor ...
LM25011 NSC-LM25011 Datasheet
417Kb / 16P
   42V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
logo
Texas Instruments
LM25011MY TI-LM25011MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011 TI1-LM25011_14 Datasheet
1Mb / 26P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
LM25011AQ1MY TI-LM25011AQ1MY Datasheet
1Mb / 27P
[Old version datasheet]   42V 2A Constant On-Time Switching Regulator With Adjustable Current Limit
logo
National Semiconductor ...
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
   Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
[Old version datasheet]   Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Feeling Technology Corp...
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
   28V, 2A Buck Constant Current Switching Regulator for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com