Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM72485 Datasheet(PDF) 6 Page - Texas Instruments

No. de pieza SM72485
Descripción Electrónicos  100V, 150 mA Constant On-Time Buck Switching Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SM72485 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SM72485_15 Datasheet HTML 2Page - Texas Instruments SM72485_15 Datasheet HTML 3Page - Texas Instruments SM72485_15 Datasheet HTML 4Page - Texas Instruments SM72485_15 Datasheet HTML 5Page - Texas Instruments SM72485_15 Datasheet HTML 6Page - Texas Instruments SM72485_15 Datasheet HTML 7Page - Texas Instruments SM72485_15 Datasheet HTML 8Page - Texas Instruments SM72485_15 Datasheet HTML 9Page - Texas Instruments SM72485_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Q
Q
FB
VIN
VCC
SW
RTN
ON TIMER
DRIVER
Vin
BST
LEVEL
SHIFT
THERMAL
SHUTDOWN
FINISH
START
RCL
FINISH
START
RT
L1
R
VCC
UVLO
FB
D1
UVLO
REGULATION
COMPARATOR
SD
FINISH
START
REGULATOR
CURRENT LIMIT
OFF TIMER
SHUTDOWN
GD
BUCK
SWITCH
CURRENT
SENSE
GND
7V BIAS
BYPASS
SWITCH
RT
2.875V
VINSENSE
Q2
C1
C5
6V to 95V
Input
RT/SD
0.7V
300 ns MIN
OFF TIMER
CLR
R
SET
S
C2
C3
VOUT
R3
RFB1
FB2
RCL
RCL
2.5A
OVER-VOLTAGE
COMPARATOR
CHARGE
PRE -
C4
SM72485
0.3A
SM72485
SNVS697D – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
The SM72485 Step Down Switching Regulator features all the functions needed to implement a low cost,
efficient, Buck bias power converter. This high voltage regulator contains a 100 V N-Channel Buck Switch, is
easy to implement and is provided in the VSSOP and the thermally enhanced WSON package. The regulator is
based on a control scheme using an on-time inversely proportional to VIN. The control scheme requires no loop
compensation. Current limit is implemented with forced off-time, which is inversely proportional to VOUT. This
scheme ensures short circuit control while providing minimum foldback.
The SM72485 can be applied in numerous applications to efficiently regulate down higher voltages. This
regulator is well suited for high voltage PV panel junction boxes, 48 Volt Telecom and the new 42V Automotive
power bus ranges. Features include: Thermal Shutdown, VCC under-voltage lockout, Gate drive under-voltage
lockout, Max Duty Cycle limit timer, intelligent current limit off timer, and a pre-charge switch.
Control Circuit Overview
The SM72485 is a Buck DC-DC regulator that uses a control scheme in which the on-time varies inversely with
line voltage (VIN). Control is based on a comparator and the on-time one-shot, with the output voltage feedback
(FB) compared to an internal reference (2.5V). If the FB level is below the reference the buck switch is turned on
for a fixed time determined by the line voltage and a programming resistor (RT). Following the ON period the
switch will remain off for at least the minimum off-timer period of 300ns. If FB is still below the reference at that
time the switch will turn on again for another on-time period. This will continue until regulation is achieved.
The SM72485 operates in discontinuous conduction mode at light load currents, and continuous conduction
mode at heavy load current. In discontinuous conduction mode, current through the output inductor starts at zero
and ramps up to a peak during the on-time, then ramps back to zero before the end of the off-time. The next on-
time period starts when the voltage at FB falls below the internal reference - until then the inductor current
remains zero. In this mode the operating frequency is lower than in continuous conduction mode, and varies with
load current. Therefore at light loads the conversion efficiency is maintained, since the switching losses reduce
with the reduction in load and frequency. The discontinuous operating frequency can be calculated as follows:
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: SM72485


Número de pieza similar - SM72485_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
SM72485MM NSC-SM72485MM Datasheet
448Kb / 16P
   SolarMagic 100V, 150 mA Constant On-Time Buck Switching Regulator
SM72485MME NSC-SM72485MME Datasheet
448Kb / 16P
   SolarMagic 100V, 150 mA Constant On-Time Buck Switching Regulator
SM72485MMX NSC-SM72485MMX Datasheet
448Kb / 16P
   SolarMagic 100V, 150 mA Constant On-Time Buck Switching Regulator
SM72485SD NSC-SM72485SD Datasheet
448Kb / 16P
   SolarMagic 100V, 150 mA Constant On-Time Buck Switching Regulator
SM72485SDE NSC-SM72485SDE Datasheet
448Kb / 16P
   SolarMagic 100V, 150 mA Constant On-Time Buck Switching Regulator
More results

Descripción similar - SM72485_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM5009A NSC-LM5009A Datasheet
401Kb / 16P
   100V, 150 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM5009A TI1-LM5009A_14 Datasheet
1Mb / 22P
[Old version datasheet]   100V, 150 mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
SM72485 NSC-SM72485 Datasheet
448Kb / 16P
   SolarMagic 100V, 150 mA Constant On-Time Buck Switching Regulator
LM5008A NSC-LM5008A Datasheet
402Kb / 16P
   100V, 350 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
SM74301 TI1-SM74301 Datasheet
329Kb / 16P
[Old version datasheet]   SM74301 100V, 350 mA Constant On-Time Buck Switching Regulator
LM5009A TI-LM5009A_15 Datasheet
1Mb / 24P
[Old version datasheet]   100-V 150-mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5018 TI1-LM5018 Datasheet
414Kb / 17P
[Old version datasheet]   100V, 300mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com