Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5406CDC Datasheet(PDF) 4 Page - Vishay Telefunken

No. de pieza SI5406CDC
Descripción Electrónicos  N-Channel 12-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI5406CDC Datasheet(HTML) 4 Page - Vishay Telefunken

  SI5406CDC Datasheet HTML 1Page - Vishay Telefunken SI5406CDC Datasheet HTML 2Page - Vishay Telefunken SI5406CDC Datasheet HTML 3Page - Vishay Telefunken SI5406CDC Datasheet HTML 4Page - Vishay Telefunken SI5406CDC Datasheet HTML 5Page - Vishay Telefunken SI5406CDC Datasheet HTML 6Page - Vishay Telefunken SI5406CDC Datasheet HTML 7Page - Vishay Telefunken SI5406CDC Datasheet HTML 8Page - Vishay Telefunken SI5406CDC Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 68609
S-80795-Rev. A, 14-Apr-08
Vishay Siliconix
Si5406CDC
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Forward Diode Voltage vs. Temp
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
10
VSD - Source-to-Drain Voltage (V)
1
100
TJ = 25 °C
0.2
0.3
0.4
0.5
0.6
0.7
0.8
- 50
- 25
0
25
50
75
100
125
150
TJ
ID = 250 µA
- Temperature (°C)
On-Resistance vs. Gate-Source Voltage
Single Pulse Power
0.00
0.01
0.02
0.03
0.04
012345
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 125 °C
ID = 6.5 A
0
30
50
10
20
Time (s)
40
1
100
600
10
10-1
10-2
10-3
Safe Operating Area, Junction-to-Ambient
VDS
* VGS
minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 C
Single Pulse
- Drain-to-Source Voltage (V)
Limited by RDS(on)*
BVDSS
Limited
DC
10 s
1 s
100 ms
10 ms
1 ms


Número de pieza similar - SI5406CDC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5406CDC VISHAY-SI5406CDC Datasheet
143Kb / 7P
   N-Channel 12-V (D-S) MOSFET
Rev. A, 14-Apr-08
SI5406CDC-T1-GE3 VISHAY-SI5406CDC-T1-GE3 Datasheet
143Kb / 7P
   N-Channel 12-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results

Descripción similar - SI5406CDC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com