Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIA533EDJ Datasheet(PDF) 5 Page - Vishay Telefunken

No. de pieza SIA533EDJ
Descripción Electrónicos  N- and P-Channel 12-V (D-S) MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIA533EDJ Datasheet(HTML) 5 Page - Vishay Telefunken

  SIA533EDJ Datasheet HTML 1Page - Vishay Telefunken SIA533EDJ Datasheet HTML 2Page - Vishay Telefunken SIA533EDJ Datasheet HTML 3Page - Vishay Telefunken SIA533EDJ Datasheet HTML 4Page - Vishay Telefunken SIA533EDJ Datasheet HTML 5Page - Vishay Telefunken SIA533EDJ Datasheet HTML 6Page - Vishay Telefunken SIA533EDJ Datasheet HTML 7Page - Vishay Telefunken SIA533EDJ Datasheet HTML 8Page - Vishay Telefunken SIA533EDJ Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Document Number: 65706
S10-0214-Rev. A, 25-Jan-10
www.vishay.com
5
Vishay Siliconix
SiA533EDJ
New Product
N-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Gate Charge
Source-Drain Diode Forward Voltage
Threshold Voltage
0
2
4
6
8
02
4
6
8
10
ID =5.9 A
Qg - Total Gate Charge (nC)
VDS =9.6 V
VDS =6 V
VDS =3 V
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
VSD -Source-to-Drain Voltage (V)
TJ = 25 °C
0.2
0.3
0.4
0.5
0.6
0.7
0.8
- 50
- 25
0
25
50
75
100
125
150
ID =250 µA
TJ - Temperature (°C)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
VGS =1.5 V,ID =1.5 A
VGS =1.8V,2.5 V, 4.5 V, ID =4.6 A
0.00
0.02
0.04
0.06
0.08
0
1234
5
ID - Drain Current (A)
I
D = 4.6 A, 125 °C
I
D = 1.5 A, 125 °C
I
D = 4.6 A, 25 °C
I
D = 1.5 A, 25 °C
1000
100
1
0.001
0.01
0.1
10
Pulse (s)
20
10
5
15
0


Número de pieza similar - SIA533EDJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIA533EDJ VISHAY-SIA533EDJ Datasheet
278Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 25-Jan-10
SIA533EDJ VISHAY-SIA533EDJ Datasheet
405Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SIA533EDJ-T1-GE3 VISHAY-SIA533EDJ-T1-GE3 Datasheet
278Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 25-Jan-10
SIA533EDJ-T1-GE3 VISHAY-SIA533EDJ-T1-GE3 Datasheet
405Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
01-Jan-2022
SIA533EDJ VISHAY-SIA533EDJ_V01 Datasheet
405Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SIA533EDJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIA527DJ VISHAY-SIA527DJ Datasheet
333Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 29-Jul-13
SMMA511DJ VISHAY-SMMA511DJ Datasheet
264Kb / 14P
   N- and P-Channel 12 V (D-S) MOSFET
Rev. B, 05-Oct-09
SI7540DP VISHAY-SI7540DP Datasheet
74Kb / 8P
   N- and P-Channel 12-V (D-S) MOSFET
Rev.. C, 16-Dec-02
SIA527DJ VISHAY-SIA527DJ_V01 Datasheet
343Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI7540DP TFUNK-SI7540DP Datasheet
365Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_15 Datasheet
361Kb / 16P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
SIA511DJ VISHAY-SIA511DJ Datasheet
321Kb / 6P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. A, 19-Nov-07
SIA517DJ VISHAY-SIA517DJ_V01 Datasheet
326Kb / 14P
   N- and P-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Shenzhen Tuofeng Semico...
SIA517 TUOFENG-SIA517 Datasheet
3Mb / 10P
   N- and P-Channel 12-V (D-S) MOSFET
Feb,2018 V1.0
logo
DinTek Semiconductor Co...
DTQ2D106 DINTEK-DTQ2D106 Datasheet
1Mb / 9P
   N- and P-Channel 12 V (D-S) MOSFET
REV 1.0
logo
Vishay Siliconix
SI7540DP VISHAY-SI7540DP_09 Datasheet
534Kb / 15P
   N- and P-Channel 12-V (D-S) MOSFET
Rev. F, 09-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com