Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIA910EDJ Datasheet(PDF) 1 Page - Vishay Telefunken

No. de pieza SIA910EDJ
Descripción Electrónicos  Dual N-Channel 12 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIA910EDJ Datasheet(HTML) 1 Page - Vishay Telefunken

  SIA910EDJ Datasheet HTML 1Page - Vishay Telefunken SIA910EDJ Datasheet HTML 2Page - Vishay Telefunken SIA910EDJ Datasheet HTML 3Page - Vishay Telefunken SIA910EDJ Datasheet HTML 4Page - Vishay Telefunken SIA910EDJ Datasheet HTML 5Page - Vishay Telefunken SIA910EDJ Datasheet HTML 6Page - Vishay Telefunken SIA910EDJ Datasheet HTML 7Page - Vishay Telefunken SIA910EDJ Datasheet HTML 8Page - Vishay Telefunken SIA910EDJ Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
SiA910EDJ
Document Number: 65535
S13-0460-Rev. B, 04-Mar-13
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Dual N-Channel 12 V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
Thermally Enhanced PowerPAK®
SC-70 Package
- Small Footprint Area
- Low On-Resistance
Typical ESD Protection: 2400 V
100 % Rg Tested
Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
Load Switch for Portable Applications
High Frequency DC/DC Converter
DC/DC Converter
Notes:
a. Package limited
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. See solder profile (
www.vishay.com/doc?73257). The PowerPAK SC-70 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 110 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
Qg (Typ.)
12
0.028 at VGS = 4.5 V
4.5
6.2 nC
0.033 at VGS = 2.5 V
4.5
0.042 at Vgs = 1.8 V
4.5
S1
D1
G2
S2
G1
D2
1
6
5
4
2
3
2.05 mm
2.05 mm
PowerPAK SC-70-6 Dual
D1
D2
Ordering Information: SiA910EDJ-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
X X X
C F X
Lot Traceability
and Date code
Part # code
N-Channel MOSFET
N-Channel MOSFET
S
2
D
2
G
2
S
1
D
1
G
1
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
12
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
4.5a
A
TC = 70 °C
4.5a
TA = 25 °C
4.5a, b, c
TA = 70 °C
4.5a, b, c
Pulsed Drain Current
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
4.5a
TA = 25 °C
1.6b, c
Maximum Power Dissipation
TC = 25 °C
PD
7.8
W
TC = 70 °C
5
TA = 25 °C
1.9b, c
TA = 70 °C
1.2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
 5 s
RthJA
52
65
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
12.5
16


Número de pieza similar - SIA910EDJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIA910EDJ VISHAY-SIA910EDJ Datasheet
137Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Nov-09
SIA910EDJ VISHAY-SIA910EDJ Datasheet
279Kb / 9P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SIA910EDJ-T1-GE3 VISHAY-SIA910EDJ-T1-GE3 Datasheet
137Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Nov-09
SIA910EDJ VISHAY-SIA910EDJ_V01 Datasheet
279Kb / 9P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SIA910EDJ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7940DP VISHAY-SI7940DP Datasheet
52Kb / 5P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. B, 29-Jul-02
logo
Analog Power
AM6900NHE ANALOGPOWER-AM6900NHE Datasheet
401Kb / 5P
   Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI7234DP VISHAY-SI7234DP Datasheet
512Kb / 13P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Jun-08
logo
Vishay Telefunken
SI7234DP TFUNK-SI7234DP Datasheet
343Kb / 13P
   Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIA912DJ VISHAY-SIA912DJ_V01 Datasheet
113Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
DinTek Semiconductor Co...
DTSP1204 DINTEK-DTSP1204 Datasheet
712Kb / 8P
   Dual N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SIA912DJ VISHAY-SIA912DJ Datasheet
114Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI7940DP VISHAY-SI7940DP_V01 Datasheet
304Kb / 12P
   Dual N-Channel 12-V (D-S) MOSFET
01-Jan-2022
SIA910EDJ VISHAY-SIA910EDJ_V01 Datasheet
279Kb / 9P
   Dual N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SIA910EDJ VISHAY-SIA910EDJ Datasheet
137Kb / 7P
   Dual N-Channel 12-V (D-S) MOSFET
Rev. A, 02-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com