Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCX56 Datasheet(PDF) 8 Page - Infineon Technologies AG

No. de pieza BCX56
Descripción Electrónicos  For AF driver and output stages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCX56 Datasheet(HTML) 8 Page - Infineon Technologies AG

  BCX56 Datasheet HTML 1Page - Infineon Technologies AG BCX56 Datasheet HTML 2Page - Infineon Technologies AG BCX56 Datasheet HTML 3Page - Infineon Technologies AG BCX56 Datasheet HTML 4Page - Infineon Technologies AG BCX56 Datasheet HTML 5Page - Infineon Technologies AG BCX56 Datasheet HTML 6Page - Infineon Technologies AG BCX56 Datasheet HTML 7Page - Infineon Technologies AG BCX56 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2011-09-19
8
BCX54 ...- BCX56...
Edition 2009-11-16
Published by
Infineon Technologies AG
81726 Munich, Germany
 2009 Infineon Technologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee
of conditions or characteristics. With respect to any examples or hints given herein,
any typical values stated herein and/or any information regarding the application of
the device, Infineon Technologies hereby disclaims any and all warranties and
liabilities of any kind, including without limitation, warranties of non-infringement of
intellectual property rights of any third party.
Information
For further information on technology, delivery terms and conditions and prices,
please contact the nearest Infineon Technologies Office (<www.infineon.com>).
Warnings
Due to technical requirements, components may contain dangerous substances.
For information on the types in question, please contact the nearest Infineon
Technologies Office.
Infineon Technologies components may be used in life-support devices or systems
only with the express written approval of Infineon Technologies, if a failure of such
components can reasonably be expected to cause the failure of that life-support
device or system or to affect the safety or effectiveness of that device or system.
Life support devices or systems are intended to be implanted in the human body or
to support and/or maintain and sustain and/or protect human life. If they fail, it is
reasonable to assume that the health of the user or other persons may be
endangered.


Número de pieza similar - BCX56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Jing Heng Electro...
BCX56 JINGHENG-BCX56 Datasheet
1Mb / 5P
   NPN Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BCX56 PHILIPS-BCX56 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Micro Commercial Compon...
BCX56 MCC-BCX56 Datasheet
202Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
Nanjing International G...
BCX56 DGNJDZ-BCX56 Datasheet
588Kb / 3P
   Low Voltage
logo
Nexperia B.V. All right...
BCX56 NEXPERIA-BCX56 Datasheet
1Mb / 22P
   80 V, 1 A PNP medium power transistors
Rev. 9 - 19 October 2011
More results

Descripción similar - BCX56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Leiditech Elec...
BCP54 LEIDITECH-BCP54 Datasheet
1,000Kb / 4P
   For AF driver and output stages
logo
Infineon Technologies A...
BCX51 INFINEON-BCX51_11 Datasheet
526Kb / 8P
   For AF driver and output stages
2011-07-29
logo
First Silicon Co., Ltd
BCP55 FS-BCP55 Datasheet
533Kb / 5P
   For AF driver and output stages
logo
Infineon Technologies A...
BCP56-16E6327 INFINEON-BCP56-16E6327 Datasheet
827Kb / 7P
   For AF driver and output stages
2011-10-13
logo
Fairchild Semiconductor
BC80725MTF FAIRCHILD-BC80725MTF Datasheet
77Kb / 6P
   Suitable for AF-Driver stages and low power output stages
BC33725TA FAIRCHILD-BC33725TA Datasheet
33Kb / 3P
   Suitable for AF-Driver stages and low power output stages
logo
Infineon Technologies A...
BC847AE6327 INFINEON-BC847AE6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
BC847B-E6327 INFINEON-BC847B-E6327 Datasheet
881Kb / 13P
   For AF input stages and driver applications
2011-09-09
logo
Siemens Semiconductor G...
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
   PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
   PNP Silicon AF Transistor (For AF driver and output stages High collector current)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com