Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40091 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS40091
Descripción Electrónicos   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40091 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS40091 Datasheet HTML 7Page - Texas Instruments TPS40091 Datasheet HTML 8Page - Texas Instruments TPS40091 Datasheet HTML 9Page - Texas Instruments TPS40091 Datasheet HTML 10Page - Texas Instruments TPS40091 Datasheet HTML 11Page - Texas Instruments TPS40091 Datasheet HTML 12Page - Texas Instruments TPS40091 Datasheet HTML 13Page - Texas Instruments TPS40091 Datasheet HTML 14Page - Texas Instruments TPS40091 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
V
ILIM + 2.7
I
PH(max)
R
CS
I
PH(max) + IOUT )
V
IN * VOUT
V
OUT
2
L
f
SW
V
IN
TPS40090
TPS40091
www.ti.com
SLUS578B
– OCTOBER 2003 – REVISED MAY 2006
OVERCURRENT PROTECTION
The overcurrent function monitors the voltage level separately on each current sense input and compares it to
the voltage on the ILIM pin set by a divider from the controller's reference. In case a threshold of V(ILIM)/2.7 is
exceeded the PWM cycle on the associated phase is terminated. The voltage level on the ILIM pin is determined
by the following expression:
(5)
where:
IPH(max) is a maximum value of the phase current allowed
RCS is a value of the current sense resistor used
(6)
If the overcurrent condition continues, each phase's PWM cycle is terminated by the overcurrent signals. This
puts a converter in a constant current mode with the output current programmed by the ILIM voltage. Eventually,
the supply and demand equilibrium on the converter output fails and the output voltage declines. When the
undervoltage threshold is reached, the converter enters a hiccup mode. The controller is stopped and the output
is not regulated any more, the softstart pin function changes. It now serves as a timing capacitor for a fault
control circuit. The soft-start pin is periodically charged and discharged by the fault control circuit. After seven
hiccup cycles expire, the controller attempts to restore normal operation. If the overload condition is not cleared,
the controller stays in the hiccup mode indefinitely. In such conditions, the average current delivered to the load
is roughly 1/8 of the set overcurrent value.
UNDERVOLTAGE PROTECTION
If the FB pin voltage falls lower than the undervoltage protection threshold (84.5%), the controller enters the
hiccup mode as it is described in the Overcurrent Protection section.
FAULT-FREE OPERATION
If the SS pin voltage is prevented from rising above the 1-V threshold, the controller does not execute nor report
most faults and the PGOOD output remains low. Only the overcurrent function and current-sense fault remain
active. The overcurrent protection continues to terminate PWM cycle every time when the threshold is exceeded
but the hiccup mode is not entered.
Copyright
© 2003–2006, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS40090 TPS40091


Número de pieza similar - TPS40091

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40091 TI-TPS40091 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
TPS40091PW TI1-TPS40091PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40091PWG4 TI1-TPS40091PWG4 Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40091PWR TI1-TPS40091PWR Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40091PWRG4 TI1-TPS40091PWRG4 Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
More results

Descripción similar - TPS40091

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40090PW TI1-TPS40090PW Datasheet
962Kb / 31P
[Old version datasheet]   HIGH-FREQUENCY, MULTIPHASE CONTROLLER
TPS40090-Q1 TI1-TPS40090-Q1 Datasheet
363Kb / 24P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090-Q1 TI-TPS40090-Q1_15 Datasheet
852Kb / 27P
[Old version datasheet]   HIGH-FREQUENCY MULTIPHASE CONTROLLER
TPS40090 TI-TPS40090 Datasheet
467Kb / 24P
[Old version datasheet]   HIGH FREQUENCY MULTIPHASE CONTROLLER
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
   High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
   High-Voltage Multiphase Boost Controller
Rev 2; 11/19
logo
Intersil Corporation
ISL6595 INTERSIL-ISL6595 Datasheet
294Kb / 22P
   Digital Multiphase Controller
logo
Texas Instruments
LM5170-Q1 TI1-LM5170-Q1 Datasheet
3Mb / 67P
[Old version datasheet]   Multiphase Bidirectional Current Controller
logo
Maxim Integrated Produc...
MAX8707 MAXIM-MAX8707 Datasheet
780Kb / 37P
   Multiphase, Fixed-Frequency Controller for AMD Hammer CPU Core Power Supplies
Rev 0; 8/04
logo
Intersil Corporation
ISL6592 INTERSIL-ISL6592 Datasheet
378Kb / 21P
   6-Phase Digital Multiphase Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com