Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS40210-Q1 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS40210-Q1
Descripción Electrónicos  TPS4021x-Q1 4.5-V to 52-V Input, Current-Mode Boost Controllers
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS40210-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS40210-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS40210-Q1_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
-0.8
-0.4
0.4
-40
-0.6
0.2
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
0.0
-0.2
12 V
4.5 V
52 V
V
VDD
52 V
4.5 V
12 V
-0.5
-0.3
0.5
0
-0.4
0.4
V
VDD – Input Voltage – V
10
30
20
60
50
40
0.1
0.0
0.2
-0.1
-0.2
0.3
0
0.4
1.4
-40
0.2
1.2
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
0.8
0.6
1.0
52 V
4.5 V
12 V
12 V
4.5 V
52 V
V
VDD
0
6
-40
1
5
T
J – Junction Temperature – ° C
-10
-25
5
50
20
80
125
95
65
35
110
3
2
4
0
400
800
1200
100
200
600
1000
R
T - Timing Resistance - kW
300
C
T(pF)
470
220
100
68
33
470 pF
220 pF
100pF
68 pF
33pF
200
400
600
500
800
1000
900
700
0
400
800
1200
0
200
600
1000
D - Duty Cycle
0.2
0.4
0.8
1.2
0.6
1.0
TPS40210-Q1, TPS40211-Q1
www.ti.com
SLVS861E – AUGUST 2008 – REVISED DECEMBER 2014
6.8 Typical Characteristics
Figure 2. Switching Frequency vs Duty Cycle
Figure 1. Frequency vs Timing Resistance
Figure 3. Quiescent Current vs Junction Temperature
Figure 4. Shutdown Current vs Junction Temperature
Figure 5. Reference Voltage Change vs Junction
Figure 6. Reference Voltage Change vs Input Voltage
Temperature
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS40210-Q1 TPS40211-Q1


Número de pieza similar - TPS40210-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
More results

Descripción similar - TPS40210-Q1_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS40210 TI-TPS40210_15 Datasheet
1Mb / 51P
[Old version datasheet]   TPS4021x 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-Q1 TI1-TPS40210-Q1 Datasheet
1,022Kb / 41P
[Old version datasheet]   4.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLERS
TPS40210 TI-TPS40210 Datasheet
876Kb / 39P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210 TI1-TPS40210_16 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210_0806 TI-TPS40210_0806 Datasheet
1Mb / 46P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210_0804 TI-TPS40210_0804 Datasheet
1Mb / 45P
[Old version datasheet]   4.5-V TO 52-V INPUT CURRENT MODE BOOST CONTROLLER
TPS40210-EP TI1-TPS40210-EP_16 Datasheet
1Mb / 41P
[Old version datasheet]   4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-EP TI-TPS40210-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   TPS40210-EP 4.5-V to 52-V Input Current Mode Boost Controller
TPS40210-HT TI-TPS40210-HT_15 Datasheet
731Kb / 40P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
TPS40210-HT TI-TPS40210-HT_1 Datasheet
864Kb / 39P
[Old version datasheet]   5.5-V TO 52-V INPUT, CURRENT-MODE BOOST CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com