Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD103-B1-02 Datasheet(PDF) 9 Page - Infineon Technologies AG

No. de pieza ESD103-B1-02
Descripción Electrónicos  Bi-directional Femto Farad Capacitance TVS Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD103-B1-02 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ESD103-B1-02 Datasheet HTML 5Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 6Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 7Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 8Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 9Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 10Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 11Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 12Page - Infineon Technologies AG ESD103-B1-02 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ESD103-B1-02 Series
Typical Characteristics
Final Data Sheet
10
Revision 1.3, 2014-06-12
Figure 7
Clamping voltage at +8 kV discharge according IEC61000-4-2 (
R =330 Ω, C = 150 pF)
Figure 8
Clamping voltage at -8 kV discharge according IEC61000-4-2 (
R =330 Ω, C =150 pF)
-50
0
50
100
150
200
250
300
350
-50
0
50
100
150
200
250
300
350
400
450
tp [ns]
Scope: 6 GHz, 20 GS/s
VCL-max-peak = 319 V
VCL-30ns-peak = 43 V
-350
-300
-250
-200
-150
-100
-50
0
50
-50
0
50
100
150
200
250
300
350
400
450
tp [ns]
Scope: 6 GHz, 20 GS/s
VCL-max-peak = -319 V
VCL-30ns-peak = -41 V


Número de pieza similar - ESD103-B1-02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
ESD10 COOPER-ESD10 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
ESD10 COOPER-ESD10 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
Eaton All Rights Reserv...
ESD10 EATON-ESD10 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
List of Unclassifed Man...
ESD100 ETC-ESD100 Datasheet
921Kb / 2P
   Bluetooth-serial Module
ESD1000 ETC2-ESD1000 Datasheet
395Kb / 2P
   OEM Bluetooth-Serial Module
More results

Descripción similar - ESD103-B1-02

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ESD8V0R1B-02LRH INFINEON-ESD8V0R1B-02LRH Datasheet
614Kb / 7P
   Bi-directional Low Capacitance TVS Diode
2009-12-18
ESD204-B1-02ELS INFINEON-ESD204-B1-02ELS Datasheet
1Mb / 12P
   Bi-directional Low Capacitance TVS Diode
Revision 1.2, 2013-05-17
logo
TECH PUBLIC Electronics...
AZ5423-01F TECHPUBLIC-AZ5423-01F Datasheet
1Mb / 4P
   Low Capacitance Bi-directional TVS Diode
logo
Infineon Technologies A...
ESD8V0R1B-02LSE6327 INFINEON-ESD8V0R1B-02LSE6327 Datasheet
614Kb / 7P
   Bi-directional Low Capacitance TVS Diode
2009-12-18
logo
TECH PUBLIC Electronics...
ESD5V0B05-923 TECHPUBLIC-ESD5V0B05-923 Datasheet
913Kb / 4P
   Low Capacitance Bi-directional TVS Diode
logo
Infineon Technologies A...
ESD0P2RF-02LRH INFINEON-ESD0P2RF-02LRH_10 Datasheet
622Kb / 8P
   Bi-directional Ultra Low Capacitance TVS Diode
2010-04-12
logo
Shanghai Leiditech Elec...
PESD1LIN LEIDITECH-PESD1LIN Datasheet
605Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
SLVU2.8-4 LEIDITECH-SLVU2.8-4_V01 Datasheet
406Kb / 3P
   Ultra Low Capacitance Bi-Directional TVS Diode Array
logo
Applied Power Microelec...
AR1211D3H APMICRO-AR1211D3H Datasheet
553Kb / 4P
   1-Line Low Capacitance Bi-directional TVS Diode
AR1511D3 APMICRO-AR1511D3 Datasheet
774Kb / 4P
   1-Line Low Capacitance Bi-directional TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com