Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51220 Datasheet(PDF) 8 Page - Texas Instruments

No. de pieza TPS51220
Descripción Electrónicos  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS51220 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS51220_15 Datasheet HTML 4Page - Texas Instruments TPS51220_15 Datasheet HTML 5Page - Texas Instruments TPS51220_15 Datasheet HTML 6Page - Texas Instruments TPS51220_15 Datasheet HTML 7Page - Texas Instruments TPS51220_15 Datasheet HTML 8Page - Texas Instruments TPS51220_15 Datasheet HTML 9Page - Texas Instruments TPS51220_15 Datasheet HTML 10Page - Texas Instruments TPS51220_15 Datasheet HTML 11Page - Texas Instruments TPS51220_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
DRVH2
VIN
VREG3
EN2
DRVH1
V5SW
RF
EN1
PGOOD2
SKIPSEL2
CSP2
CSN2
PGOOD1
SKIPSEL1
CSP1
CSN1
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
RHBPACKAGE
(TOP VIEW)
TPS51220
SLVS785C – OCTOBER 2007 – REVISED JULY 2009
www.ti.com
DEVICE INFORMATION
PINOUT
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
DRVH1
1
High-side MOSFET gate driver outputs. Source 1.7
Ω, sink 1.0Ω, SW-node referenced floating driver. Drive
O
voltage corresponds to VBST to SW voltage.
DRVH2
24
SW2
25
I/O
High-side MOSFET gate driver returns.
SW1
32
Always alive 3.3-V, 10-mA low dropout linear regulator output. Bypass to (signal) GND with more than 1-
μF
VREG3
22
O
ceramic capacitor. Runs from VIN supply or from VREG5 when it is switched over to V5SW input.
EN1
4
Channel 1 and channel 2 SMPS enable Pins. When turning on, apply greater than 0.55 V and less than 6 V,
I
or be floating. Connect to GND to disable. Adjustable soft-start capacitance to be attached here.
EN2
21
PGOOD1
5
Power Good window comparator outputs for channel 1 and channel 2. The applied voltage should be less
O
than 6 V, and the recommended pull-up resistance value is from 100 k
Ω to 1 MΩ.
PGOOD2
20
SKIPSEL1
6
Skip mode selection pin.
GND: Continuous conduction mode
I
VREF2: Auto skip
SKIPSEL2
19
VREG3: OOA auto skip, maximum 7 skips (suitable for fsw < 400 kHz)
VREG5: OOA auto skip, maximum 15 skips (suitable for equal to or greater than 400 kHz)
CSP1
7
Current sense comparator inputs (+). An RC network with high quality X5R or X7R ceramic capacitor should
I/O
be used to extract voltage drop across DCR. 0.1
μF is a good value to start the design. See the current
CSP2
18
sensing scheme section for more details.
CSN1
8
Current sense comparator inputs (–). See the current sensing scheme section. Used as power supply for the
I
current sense circuit for 5 V or higher output voltage setting. Also, used for output discharge terminal.
CSN2
17
VFB1
9
SMPS voltage feedback inputs. Connect the feedback resistors divider, and should be referred to (signal)
I
GND.
VFB2
16
COMP1
10
Loop compensation pin for current mode (error amplifier output). Connect R (and C if required) from this pin
to VREF2 for proper loop compensation with current mode operation. Ramp compensation adjustable pin for
I
D-CAP mode, connect R from this pin to VREF2. 10 k
Ω is a good value to start the design. 6 kΩ to 20 kΩ
COMP2
15
can be chosen. See the D-CAP MODE section for more details.
Frequency setting pin. Connect a frequency setting resistor to (signal) GND. Connect to an external clock for
RF
3
I/O
synchronization.
8
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links :TPS51220


Número de pieza similar - TPS51220_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Descripción similar - TPS51220_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221 Datasheet
956Kb / 36P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com