Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS51427A Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS51427A
Descripción Electrónicos  DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS51427A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS51427A_15 Datasheet HTML 5Page - Texas Instruments TPS51427A_15 Datasheet HTML 6Page - Texas Instruments TPS51427A_15 Datasheet HTML 7Page - Texas Instruments TPS51427A_15 Datasheet HTML 8Page - Texas Instruments TPS51427A_15 Datasheet HTML 9Page - Texas Instruments TPS51427A_15 Datasheet HTML 10Page - Texas Instruments TPS51427A_15 Datasheet HTML 11Page - Texas Instruments TPS51427A_15 Datasheet HTML 12Page - Texas Instruments TPS51427A_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
DEVICE INFORMATION
TPS51427A
www.ti.com .................................................................................................................................................. SLUS843B – MAY 2008 – REVISED SEPTEMBER 2008
TERMINAL FUNCTIONS
TERMINAL
NAME
NO.
I/O
DESCRIPTION
DRVH1
15
High-side N-Channel FET driver outputs. LL referenced floating drivers. The gate drive voltage is defined by the voltage across
O
VBST to LL node bootstrap capacitor.
DRVH2
26
DRVL1
18
O
Synchronous low-side MOSFET driver outputs. Ground referenced drivers. The gate drive voltage is defined by V5DRV voltage.
DRVL2
23
EN1
14
Channel enable pins. If EN1 is connected to VREF2, Channel1 starts after Channel2 reaches regulation (delay start). If EN2 is
I
connected to VREF2, Channel2 starts after Chanel1 reaches regulation.
EN2
27
LDO Enable Input. The LDO is enabled if EN_LDO is within logic high level and disabled if EN_LDO is less than the logic low
EN_LDO
4
I
level.
GND
21
I
Analog ground for both channels and LDO.
LL1
16
Phase node connections for high-side drivers. These connections also serve as inputs to current comparators for RDS(on) sensing
I/O
and input voltage monitor for on-time control circuitry.
LL2
25
Linear regulator output. The LDO regulator can provide a total of 100-mA external loads. The LDO regulates at 5 V If LDOREFIN
is connected to GND. When the LDO is set at 5 V and VSW is within a 5-V switchover threshold, the internal regulator shuts
down and the LDO output pin connects to VSW through a 0.7-
Ω switch. The LDO regulates at 3.3 V if LDOREFIN is connected
LDO
7
O
to V5FILT. When the LDO is set at 3.3 V and VSW is within a 3.3-V switchover threshold, the internal regulator shuts down and
the LDO output pin connects to VSW through a 0.7-
Ω switch. Bypass the LDO output with a minimum of 4.7-
µF ceramic
capacitance.
LDO Reference Input. Connect LDOREFIN to GND for fixed 5-V operation. Connect LDOREFIN to V5FILT for fixed 3.3-V
LDOREFIN
8
I
operation. LDOREFIN can be used to program LDO output voltage from 0.7 V to 4.5 V. LDO output is twice the voltage of
LDOREFIN. There is no switchover in adjustable mode.
Ground pin for drivers and LS synchronous FET source terminals. This pin is also the input to zero crossing comparator and
PGND
22
I
overcurrent comparator.
PGOOD1
13
Channel1/Channel2 power-good open-drain output. PGOOD1/PGOOD2 is low when the Channel1/Channel2 output voltage is
O
10% less than the normal regulation point, at onset of OVP events, or during soft start. PGOOD1/PGOOD2 is high impedance
PGOOD2
28
when the output is in regulation and the soft-start circuit has terminated. PGOOD1/PGOOD2 is low in shutdown.
Output voltage control for Channel2. Connect REFIN2 to V5FILT for fixed 3.3-V operation. Connect REFIN2 to VREF3 for fixed
REFIN2
32
I
1.05-V operation. REFIN2 can be used to program Channel2 output voltage from 0.5 V to 2.5 V.
NC
20
-
Low-noise mode control. Connect SKIPSEL to GND for Auto Skip mode operation or to V5FILT for PWM mode (fixed frequency).
SKIPSEL
29
I
Connect to VREF2 or leave floating for OOA™ mode operation.
Frequency select input. Connect to GND for 400-kHz/500-kHz operation. Connect to VREF2 (or leave open) for
TONSEL
2
I
400-kHz/300-kHz operation. Connect to V5FILT for 200-kHz/300-kHz operation (5-V/3.3-V SMPS switching frequencies,
respectively).
TRIP1
12
I
Overcurrent trip point set input. Sourcing current is 5
µA at RT with 2900 ppm/°C temperature coefficient.
TRIP2
31
Supply voltage for the low-side MOSFET driver DRVL1/DRVL2. Connect a 5-V power source to the V5DRV pin (bypass with
V5DRV
19
I
4.7-
µF MLCC capacitor to PGND if necessary).
V5FILT
3
I
5-V analog supply input.
Channel1 feedback input. Connect VFB1 to GND for fixed 5-V operation. Connect VFB1 to V5FILT for fixed 1.5-V operation.
VFB1
11
I
Connect VFB1 to a resistive voltage divider from OUT1 to GND to adjust the output from 0.7 V to 5.9 V.
VBST1
17
I
Supply input for high-side MOSFET driver (bootstrap terminal). Connect a capacitor from this pin to the respective LL terminals.
VBST2
24
Power supply input. VIN supplies power to the linear regulators. The linear regulators are powered by Channel1 if VOUT1 is set
VIN
6
I
greater than 5 V and VSW is tied to VOUT1.
VOUT1
10
O
Output connections to SMPS. These terminals serve two functions: on-time adjustment and output discharge.
VOUT2
30
VREF2
1
O
2-V reference output. Bypass to GND with a 0.1-
µF capacitor. VREF2 can source up to 50 µA for external loads.
VREF3
5
O
3.3-V reference output. VREF3 can source up to 10 mA for external loads. Bypass to GND with a 1-
µF capacitor.
VSW is the switchover source voltage for the LDO when LDOREFIN is connected to GND or V5FILT. Connect VSW to 5 V if
VSW
9
I
LDOREFIN is tied GND. Connect VSW to 3.3 V if LDOREFIN is tied to V5FILT.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS51427A


Número de pieza similar - TPS51427A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51427ARHBR TI1-TPS51427ARHBR Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427ARHBRG4 TI1-TPS51427ARHBRG4 Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427ARHBT TI1-TPS51427ARHBT Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427ARHBTG4 TI1-TPS51427ARHBTG4 Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results

Descripción similar - TPS51427A_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS51427 TI-TPS51427 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI1-TPS51427A Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com