Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS53014 Datasheet(PDF) 1 Page - Texas Instruments

No. de pieza TPS53014
Descripción Electrónicos  Single Synchronous Step-down Controller for Low Voltage Power Rails
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS53014 Datasheet(HTML) 1 Page - Texas Instruments

  TPS53014_15 Datasheet HTML 1Page - Texas Instruments TPS53014_15 Datasheet HTML 2Page - Texas Instruments TPS53014_15 Datasheet HTML 3Page - Texas Instruments TPS53014_15 Datasheet HTML 4Page - Texas Instruments TPS53014_15 Datasheet HTML 5Page - Texas Instruments TPS53014_15 Datasheet HTML 6Page - Texas Instruments TPS53014_15 Datasheet HTML 7Page - Texas Instruments TPS53014_15 Datasheet HTML 8Page - Texas Instruments TPS53014_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TPS53014
www.ti.com
SLVSBF1 – MAY 2012
Single Synchronous Step-down Controller for Low Voltage Power Rails
Check for Samples: TPS53014
1
FEATURES
OCL/OVP/UVP/UVLO/TSD Protections
Adaptive Gate Drivers with Integrated Boost
2
D-CAP2™ Mode Control
PMOS Switch
Fast Transient Response
Thermally Compensated OCP, 4000 ppm/°C
No External Parts Required For Loop
10 pin VSSOP
Compensation
Compatible with Ceramic Output
APPLICATIONS
Capacitors
Point-of-Load Regulation in Low Power
High Initial Reference Accuracy (±1%)
Systems for Wide Range of Applications
Wide Input Voltage Range: 4.5 V to 28 V
Digital TV Power Supply
Output Voltage Range: 0.77 V to 7.0 V
Networking Home Terminal
Low-Side RDS(on) Loss-Less Current Sensing
Digital Set Top Box (STB)
Adjustable Soft Start
DVD Player / Recorder
Non-Sinking Pre-Biased Soft Start
Gaming Consoles and Other
500 kHz Switching Frequency
Cycle-By-Cycle Over Current Limiting Control
Auto-Skip Eco-ModeTM for High Efficiency at
Light load
DESCRIPTION
The TPS53014 is a single, adaptive on-time D-CAP2™ mode synchronous buck controller. The TPS53014
enables system designers to complete the suite of various end equipment's power bus regulators with cost
effective low external component count and low standby current solution. The main control loop for the
TPS53014 uses the D-CAP2™ mode control which provides a very fast transient response with no external
compensation components. The Adaptive on-time control supports seamless transition between PWM mode at
higher load condition and Eco-mode™ operation at light load. Eco-mode™ allows the TPS53014 to maintain high
efficiency during lighter load conditions. The TPS53014 is also able to adapt to both low equivalent series
resistance (ESR) output capacitors such as POSCAP or SP-CAP and ultra-low ESR ceramic capacitors. The
device provides convenient and efficient operation with input voltages from 4.5 V to 28 V and output voltage from
0.77 V to 7.0 V.
The TPS53014 is available in the 3.0mm x 3.0 mm 10-pin VSSOP (DGS) package, and is specified for an
ambient temperature range of –40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2, Eco-mode, Eco-Mode are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS53014_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53014DGS TI1-TPS53014DGS Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53014DGSR TI1-TPS53014DGSR Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
More results

Descripción similar - TPS53014_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS53014 TI1-TPS53014 Datasheet
658Kb / 20P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com