Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ES2JL-SMB-R Datasheet(PDF) 1 Page - Unisonic Technologies |
|
ES2JL-SMB-R Datasheet(HTML) 1 Page - Unisonic Technologies |
1 / 4 page UNISONIC TECHNOLOGIES CO., LTD ES2J DIODE www.unisonic.com.tw 1 of 4 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-268.A SURFACE MOUNT SUPER FAST RECTIFIER DESCRIPTION The UTC ES2J is a surface mount super fast rectifier, it uses UTC’s advanced technology to provide customers with high forward surge current and low reverse leakage, etc. The UTC ES2J is suitable for surface mounted applications. FEATURES * Low reverse leakage * High forward surge current capability SYMBOL SMB (JEDEC DO-214AA) + - ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 ES2JL-SMB-R ES2JG-SMB-R SMB K A Tape Reel Note: Pin Assignment: A: Anode K: Cathode MARKING Date Code Cathode Band for uni-directional Only UTC ES2J L: Lead Free G: Halogen Free |
Número de pieza similar - ES2JL-SMB-R |
|
Descripción similar - ES2JL-SMB-R |