Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LS32-1500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
LS32-1500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 4 page www.sensirion.com Version 2 – February 2015 3/4 4 Fluidic Connection Table 3: Fluidic Specifications and Pressure Rating Parameter LS32-1500 Wetted materials: Internal sensor tube material 904L high-performance stainless steel Fitting material PEEK Sealing material PTFE Fluid connector ports (Fittings) 1/4-28 flat bottom 1/8” OD tubing (recommended: min 2mm ID) Pressure drop (at 40 ml/min, H2O, 23°C) 2.15 mbar Total internal volume ~70 l For more information on the fluidic connection please find: “Application Note Sensor Ports and Tubing Connections” in the Download Center on our homepage. 5 Mechanical Specifications Table 4: Mechanical Specifications Parameter LS32-1500 Largest dimensions 59 x 18 x 18 mm Total mass ~30 g Inner diameter sensor tube 1.5 mm All dimensions in mm 6 Ordering Information For OEM applications the sensor can be purchased in larger quantities without any additional parts (100 pcs. minimum order quantity). A 30 cm long 4-pin Molex to pigtail ribbon cable is included. Product Article No LS32-1500 40 ml/min 1-101127-01 Molex PicoBlade 4 pin connector Art. No. 533980471 2 x 1/4-28 flat bottom 2 x M2.5 thread for mounting 904L high-performance stainless steel PEEK |
Número de pieza similar - LS32-1500 |
|
Descripción similar - LS32-1500 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |