Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LS32-1500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza LS32-1500
Descripción Electrónicos  Compact Flow Meter for Low Flow Rates
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

LS32-1500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LS32-1500 Datasheet HTML 1Page - List of Unclassifed Manufacturers LS32-1500 Datasheet HTML 2Page - List of Unclassifed Manufacturers LS32-1500 Datasheet HTML 3Page - List of Unclassifed Manufacturers LS32-1500 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.sensirion.com
Version 2 – February 2015
1/4
LS32-1500 Liquid Flow Meter
Compact Flow Meter for Low Flow Rates
Liquid flow rates up to 40 ml/min
20 ms response time
Excellent repeatability
High chemical compatibility
Product Summary
Interface Options
The LS32-1500 enables precise, non-invasive mea-
surements of dynamic liquid flow rates up to 40 ml/min
bi-directionally. Excellent biocompatibility is ensured by
the exclusive use of high-performance stainless steel,
PTFE and PEEK for the wetted parts. The flow path of
the LS32-1500 liquid flow sensor is formed by an
especially thin-walled, straight tube which assures
excellent sensitivity.
Digital
- I2C-Bus
For more information on communication, please refer
to page 2 of this document.
1 Sensing Performance
Table 1: Performance of LS32-1500 (all data for medium H2O, 23°C, 1 barabs unless otherwise noted)
Parameter
LS32-1500
Unit
Full scale flow rate
40
ml/min
Sensor output limita
65
ml/min
Accuracy below full scale
(whichever error is larger)
10
% of measured value
0.25
% of full scale
Repeatability error from zero to full scale
(whichever error is larger)
1
% of measured value
0.025
% of full scale
Temperature coefficient
(additional error per °C; whichever is larger)
0.25
% measured value / °C
0.00625
% full scale / °C
Flow detection response time
63
20
ms
Response time on power-up
25
ms
Operating temperature
+5…+50
°C
Ambient storage temperatureb
-10…+60
°C
Operating pressure
12 (175)
bar (psi)
Proof pressure
25 (360)
bar (psi)
aFlow rate at which the sensor output saturates, see section 2 for performance specification between full scale and saturation point
bNon-condensing, flow path empty


Número de pieza similar - LS32-1500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
LS32 GOOD-ARK-LS32 Datasheet
410Kb / 4P
   Surface Mount Schottky Rectifier
logo
First Silicon Co., Ltd
LS32 FS-LS32 Datasheet
132Kb / 2P
   Schottky Rectifier
logo
Linear Integrated Syste...
LS320 LINEAR-LS320 Datasheet
177Kb / 1P
   HIGH INPUT IMPEDANCE BiFET AMPLIFIER
logo
Micross Components
LS320 MICROSS-LS320 Datasheet
295Kb / 1P
   Linear Systems High Input Impedance BiFET Amplifier
logo
DONG IL TECHNOLOGY LTD.
LS320015 DIT-LS320015 Datasheet
1Mb / 2P
   COMMON MODE CHOKE COIL
More results

Descripción similar - LS32-1500

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SLS-1500 ETC2-SLS-1500 Datasheet
276Kb / 5P
   Compact Flow Meter for Industrial Applications
logo
MKS Instruments.
1579 MKS-1579 Datasheet
178Kb / 4P
   DIGITAL MASS FLOW CONTROLLER FOR HIGH FLOW RATES
logo
List of Unclassifed Man...
LG16 ETC2-LG16 Datasheet
593Kb / 8P
   Compact Liquid Flow Meter for OEM Applications
logo
Omron Electronics LLC
D6F-A1 OMRON-D6F-A1 Datasheet
302Kb / 2P
   A Compact, High-accuracy Sensor That Measures Low Flow Rates.
D6F-N2 OMRON-D6F-N2 Datasheet
347Kb / 2P
   A Compact, High-accuracy Sensor That Measures Low Flow Rates.
logo
TT Electronics.
FFU TTELEC-FFU Datasheet
330Kb / 1P
   Ultrasonic Flow Meter
DOSIC TTELEC-DOSIC Datasheet
298Kb / 1P
   Ultrasonic Flow Meter
DS1012 TTELEC-DS1012 Datasheet
335Kb / 1P
   Turbine Flow Meter
logo
List of Unclassifed Man...
SLQ-QT500 ETC2-SLQ-QT500 Datasheet
580Kb / 7P
   High Purity Flow Meter
logo
Sensirion AG Switzerlan...
SFM3020 SENSIRION-SFM3020 Datasheet
975Kb / 7P
   Analog Mass Flow Meter
Version 0.4
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com