Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAT62-03W Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza BAT62-03W
Descripción Electrónicos  Low barrier diode for detectors up to GHz frequencies
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT62-03W Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAT62-03W Datasheet HTML 1Page - Infineon Technologies AG BAT62-03W Datasheet HTML 2Page - Infineon Technologies AG BAT62-03W Datasheet HTML 3Page - Infineon Technologies AG BAT62-03W Datasheet HTML 4Page - Infineon Technologies AG BAT62-03W Datasheet HTML 5Page - Infineon Technologies AG BAT62-03W Datasheet HTML 6Page - Infineon Technologies AG BAT62-03W Datasheet HTML 7Page - Infineon Technologies AG BAT62-03W Datasheet HTML 8Page - Infineon Technologies AG BAT62-03W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
2014-02-13
3
BAT62...
Electrical Characteristics at TA = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
AC Characteristics
Diode capacitance
VR = 0 V, f = 1 MHz
CT
-
0.35
0.6
pF
Differential resistance
VR = 0 V, f = 10 kHz
R0
-
225
-
k


Número de pieza similar - BAT62-03W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
logo
Infineon Technologies A...
BAT62-03W INFINEON-BAT62-03W Datasheet
519Kb / 9P
   Silicon Schottky Diode
Apr-22-2004
logo
Guangdong Kexin Industr...
BAT62-03W KEXIN-BAT62-03W Datasheet
35Kb / 1P
   Silicon Schottky Doide
logo
Infineon Technologies A...
BAT62-03W INFINEON-BAT62-03W Datasheet
209Kb / 18P
   Silicon Schottky Diode
2007-04-19
BAT62-03W INFINEON-BAT62-03W Datasheet
1Mb / 19P
   Silicon Schottky Diode
2014-02-13
More results

Descripción similar - BAT62-03W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
Siemens Semiconductor G...
BAT62-02W SIEMENS-BAT62-02W Datasheet
26Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT62 SIEMENS-BAT62 Datasheet
79Kb / 3P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies.)
BAT62-03W SIEMENS-BAT62-03W Datasheet
39Kb / 4P
   Silicon Schottky Diode (Low Barrier diode for detectors up to GHz frequencies)
BAT62-07W SIEMENS-BAT62-07W Datasheet
33Kb / 4P
   Silicon Schottky Diode (Low barrier diode for detectors up to GHz frequencies)
BAT63 SIEMENS-BAT63 Datasheet
114Kb / 3P
   Silicon Schottky Diode (Low barrier diode for mixer and detectors up to GHz frequencies)
BAT63-099R SIEMENS-BAT63-099R Datasheet
87Kb / 4P
   Silicon Schottky Diodes (Zero bias diode array for mixer and detectors up to GHz frequencies Crossover ring quad)
logo
Agilent(Hewlett-Packard...
423B HP-423B Datasheet
372Kb / 4P
   Low Barrier Schottky Diode Detectors
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
   RF Power LDMOS transistor for frequencies up to 1.5 GHz
March 2019 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com