Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESD205-B1-02ELS Datasheet(PDF) 3 Page - Infineon Technologies AG

No. de pieza ESD205-B1-02ELS
Descripción Electrónicos  Pb-free and halogen free package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ESD205-B1-02ELS Datasheet(HTML) 3 Page - Infineon Technologies AG

  ESD205-B1-02ELS Datasheet HTML 1Page - Infineon Technologies AG ESD205-B1-02ELS Datasheet HTML 2Page - Infineon Technologies AG ESD205-B1-02ELS Datasheet HTML 3Page - Infineon Technologies AG ESD205-B1-02ELS Datasheet HTML 4Page - Infineon Technologies AG ESD205-B1-02ELS Datasheet HTML 5Page - Infineon Technologies AG ESD205-B1-02ELS Datasheet HTML 6Page - Infineon Technologies AG ESD205-B1-02ELS Datasheet HTML 7Page - Infineon Technologies AG ESD205-B1-02ELS Datasheet HTML 8Page - Infineon Technologies AG ESD205-B1-02ELS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ESD205-B1 Series
Product Overview
Final Data Sheet
3
Revision 1.4, 2014-05-14
1
Product Overview
1.1
Features
ESD / transient protection of signal lines in low voltage applications according to:
– IEC61000-4-2 (ESD): ±20 kV (air / contact)
– IEC61000-4-4 (EFT): ±2.5 kV / ±50 A (5/50 ns)
– IEC61000-4-5 (Surge): ±2.5 A (8/20
μs)
Bi-directional, working voltage up to VRWM = ±5.5 V
Low capacitance: CL = 5 pF (typical)
Low clamping voltage: VCL = +10 / -12 V (typical) at ITLP = 16 A
Very low reverse current: IR < 1 nA (typical)
Pb-free (RoHS compliant) and halogen free package
1.2
Application Examples
Keypad, touchpad, buttons, convenience keys
LCD displays, Camera, audio lines, mobile communication, Consumer products (E-Book, MP3, DVD, DSC...)
Notebooks tablets and desktop computers and their peripherals
1.3
Product Description
Figure 1-1 Pin Configuration and Schematic Diagram
Table 1-1
Ordering Information
Type
Package
Configuration
Marking code
ESD205-B1-02ELS
TSSLP-2-3
1 line, bi-directional
I
ESD205-B1-02EL
TSLP-2-19
1 line, bi-directional
I
PinConf_and_SchematicDiag.vsd
Pin 1
Pin 2
Pin 1
Pin 2
Pin 1 marking
(lasered)


Número de pieza similar - ESD205-B1-02ELS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
ESD20 COOPER-ESD20 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
ESD20 COOPER-ESD20 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
Eaton All Rights Reserv...
ESD20 EATON-ESD20 Datasheet
88Kb / 4P
   ESD BS88 Offset blade tags
logo
DB Lectro Inc
ESD200 DBLECTRO-ESD200 Datasheet
720Kb / 2P
   Output Interface UART, Compliant Bluetooth stack v1.2-improved
logo
List of Unclassifed Man...
ESD200 ETC-ESD200 Datasheet
921Kb / 2P
   Bluetooth-serial Module
More results

Descripción similar - ESD205-B1-02ELS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
ESD113-B1 INFINEON-ESD113-B1 Datasheet
740Kb / 16P
   Pb-free and halogen-free package
Revision 1.2, 2014-05-14
logo
Cystech Electonics Corp...
MTE030N15RH8 CYSTEKEC-MTE030N15RH8 Datasheet
600Kb / 10P
   Pb-free lead plating and Halogen-free package
logo
Infineon Technologies A...
ESD221-U1-02EL INFINEON-ESD221-U1-02EL Datasheet
432Kb / 14P
   Pb-free (RoHS compliant) and halogen free package
Revision 1.0, 2014-05-20
ESD311-U1-02N INFINEON-ESD311-U1-02N Datasheet
556Kb / 13P
   Pb-free (RoHS compliant) and halogen free package
Revision 1.0, 2014-05-28
logo
Dialog Semiconductor
SLG7NT4204 DIALOG-SLG7NT4204 Datasheet
249Kb / 10P
   Pb-Free TDFN-12 Package
logo
Shanghai Leiditech Elec...
LTL431ATLT1G LEIDITECH-LTL431ATLT1G Datasheet
811Kb / 5P
   Pb-Free package is available
logo
Rohm
QDZ5.6 ROHM-QDZ5.6 Datasheet
834Kb / 9P
   Small silicon package Halogen free
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
   Lead-free (RoHS compliant) and Halogen-free
logo
Littelfuse
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
   RoHS compliant, lead-free and halogen-free
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
   Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com