Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIZ900DT Datasheet(PDF) 8 Page - Vishay Telefunken

No. de pieza SIZ900DT
Descripción Electrónicos  Dual N-Channel 30 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIZ900DT Datasheet(HTML) 8 Page - Vishay Telefunken

Back Button SIZ900DT Datasheet HTML 4Page - Vishay Telefunken SIZ900DT Datasheet HTML 5Page - Vishay Telefunken SIZ900DT Datasheet HTML 6Page - Vishay Telefunken SIZ900DT Datasheet HTML 7Page - Vishay Telefunken SIZ900DT Datasheet HTML 8Page - Vishay Telefunken SIZ900DT Datasheet HTML 9Page - Vishay Telefunken SIZ900DT Datasheet HTML 10Page - Vishay Telefunken SIZ900DT Datasheet HTML 11Page - Vishay Telefunken SIZ900DT Datasheet HTML 12Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.vishay.com
8
Document Number: 67344
S11-2380-Rev. C, 28-Nov-11
Vishay Siliconix
SiZ900DT
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CHANNEL-2 TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 4 V
V
GS = 3 V
0.0020
0.0025
0.0030
0.0035
0.0040
0.0045
0.0050
0
20
40
60
80
100
I
D -Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
2
4
6
8
10
0
20
40
60
80
Q
g - Total Gate Charge (nC)
V
DS = 24 V
V
DS = 15 V
V
DS = 7.5 V
I
D = 20 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
V
GS - Gate-to-Source Voltage (V)
T
C = 125 °C
T
C = - 55 °C
T= 25
°C
C
0
1000
2000
3000
4000
5000
6000
0
5
10
15
20
25
30
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 20 A
V
GS = 10 V, 4.5 V


Número de pieza similar - SIZ900DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIZ900DT VISHAY-SIZ900DT Datasheet
246Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 15-Aug-11
SIZ900DT VISHAY-SIZ900DT Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ900DT-T1-GE3 VISHAY-SIZ900DT-T1-GE3 Datasheet
246Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 15-Aug-11
SIZ900DT VISHAY-SIZ900DT_V01 Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
More results

Descripción similar - SIZ900DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
SIZ920DT VISHAY-SIZ920DT Datasheet
212Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 30-Apr-12
SIZ902DT VISHAY-SIZ902DT Datasheet
222Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ998DT VISHAY-SIZ998DT Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ918DT VISHAY-SIZ918DT_V01 Datasheet
226Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ300DT VISHAY-SIZ300DT Datasheet
269Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 15-Aug-11
logo
Vishay Telefunken
SIZ902DT TFUNK-SIZ902DT Datasheet
223Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ200DT VISHAY-SIZ200DT Datasheet
308Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ900DT VISHAY-SIZ900DT_V01 Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ904DT VISHAY-SIZ904DT_V01 Datasheet
238Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
09-Jul-2021
SIZ910DT VISHAY-SIZ910DT_V01 Datasheet
167Kb / 12P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com