Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SIZ904DT Datasheet(PDF) 2 Page - Vishay Telefunken

No. de pieza SIZ904DT
Descripción Electrónicos  Dual N-Channel 30 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIZ904DT Datasheet(HTML) 2 Page - Vishay Telefunken

  SIZ904DT Datasheet HTML 1Page - Vishay Telefunken SIZ904DT Datasheet HTML 2Page - Vishay Telefunken SIZ904DT Datasheet HTML 3Page - Vishay Telefunken SIZ904DT Datasheet HTML 4Page - Vishay Telefunken SIZ904DT Datasheet HTML 5Page - Vishay Telefunken SIZ904DT Datasheet HTML 6Page - Vishay Telefunken SIZ904DT Datasheet HTML 7Page - Vishay Telefunken SIZ904DT Datasheet HTML 8Page - Vishay Telefunken SIZ904DT Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.vishay.com
2
Document Number: 63482
S11-2380-Rev. B, 28-Nov-11
Vishay Siliconix
SiZ904DT
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
Ch-1
30
V
VGS = 0 V, ID = 250 µA
Ch-2
30
VDS Temperature Coefficient
V
DS/TJ
ID = 250 µA
Ch-1
35
mV/°C
ID = 250 µA
Ch-2
33
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 µA
Ch-1
- 4.5
ID = 250 µA
Ch-2
- 5
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
Ch-1
1
2.5
V
VDS = VGS, ID = 250 µA
Ch-2
1.2
2.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
Ch-1
± 100
nA
Ch-2
± 100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch-1
1
µA
VDS = 30 V, VGS = 0 V
Ch-2
1
VDS = 30 V, VGS = 0 V, TJ = 55 °C
Ch-1
5
VDS = 30 V, VGS = 0 V, TJ = 55 °C
Ch-2
5
On-State Drain Currentb
ID(on)
VDS 5 V, VGS = 10 V
Ch-1
20
A
VDS 5 V, VGS = 10 V
Ch-2
20
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 7.8 A
Ch-1
0.020
0.024
VGS = 10 V, ID = 10 A
Ch-2
0.0105 0.0135
VGS = 4.5 V, ID = 7 A
Ch-1
0.024
0.030
VGS = 4.5 V, ID = 7 A
Ch-2
0.0135
0.017
Forward Transconductanceb
gfs
VDS = 10 V, ID = 7.8 A
Ch-1
17
S
VDS = 10 V, ID = 10 A
Ch-2
24
Dynamica
Input Capacitance
Ciss
Channel-1
VDS = 15 V, VGS = 0 V, f = 1 MHz
Channel-2
VDS = 15 V, VGS = 0 V, f = 1 MHz
Ch-1
435
pF
Ch-2
846
Output Capacitance
Coss
Ch-1
95
Ch-2
187
Reverse Transfer Capacitance
Crss
Ch-1
42
Ch-2
72
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 7.8 A
Ch-1
8
12
nC
VDS = 15 V, VGS = 10 V, ID = 10 A
Ch-2
15.4
23
Channel-1
VDS = 15 V, VGS = 4.5 V, ID = 7.8 A
Channel-2
VDS = 15 V, VGS = 4.5 V, ID = 10 A
Ch-1
3.8
6
Ch-2
7.3
11
Gate-Source Charge
Qgs
Ch-1
1.4
Ch-2
2.3
Gate-Drain Charge
Qgd
Ch-1
1.1
Ch-2
2.2
Gate Resistance
Rg
f = 1 MHz
Ch-1
0.6
3.2
6.4
Ch-2
0.2
0.8
1.6


Número de pieza similar - SIZ904DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIZ904DT VISHAY-SIZ904DT Datasheet
231Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ904DT VISHAY-SIZ904DT Datasheet
238Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
09-Jul-2021
SIZ904DT-T1-GE3 VISHAY-SIZ904DT-T1-GE3 Datasheet
238Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
09-Jul-2021
SIZ904DT VISHAY-SIZ904DT_V01 Datasheet
238Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
09-Jul-2021
More results

Descripción similar - SIZ904DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
SIZ920DT VISHAY-SIZ920DT Datasheet
212Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 30-Apr-12
SIZ902DT VISHAY-SIZ902DT Datasheet
222Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ998DT VISHAY-SIZ998DT Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ918DT VISHAY-SIZ918DT_V01 Datasheet
226Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ300DT VISHAY-SIZ300DT Datasheet
269Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 15-Aug-11
logo
Vishay Telefunken
SIZ902DT TFUNK-SIZ902DT Datasheet
223Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ200DT VISHAY-SIZ200DT Datasheet
308Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ900DT VISHAY-SIZ900DT_V01 Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ904DT VISHAY-SIZ904DT_V01 Datasheet
238Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
09-Jul-2021
SIZ910DT VISHAY-SIZ910DT_V01 Datasheet
167Kb / 12P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com