Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAT54DW Datasheet(PDF) 1 Page - Unisonic Technologies |
|
BAT54DW Datasheet(HTML) 1 Page - Unisonic Technologies |
1 / 3 page UNISONIC TECHNOLOGIES CO., LTD BAT54DW Preliminary DIODE www.unisonic.com.tw 1 of 3 Copyright © 2014 Unisonic Technologies Co., Ltd QW-R601-061.b SCHOTTKY BARRIER (DUAL) DIODES DESCRIPTION Planar Schottky barrier diodes are encapsulated in the SOT-363 small plastic SMD package. Single diodes and dual diodes with different pin configuration are available. FEATURES * Low forward voltage * Guard ring protected * Small plastic SMD package SYMBOL SOT-363 4 5 3 2 1 6 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing 12 345 6 BAT54DWG-AL6-R SOT-363 A1 x K2 A2 x K1 Tape Reel Note: Pin Assignment: A: Anode K: Cathode x: NC MARKING 5 4 3 E4G 2 1 6 |
Número de pieza similar - BAT54DW_15 |
|
Descripción similar - BAT54DW_15 |