Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI2308BDS Datasheet(PDF) 4 Page - Vishay Telefunken

No. de pieza SI2308BDS
Descripción Electrónicos  N-Channel 60-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TFUNK [Vishay Telefunken]
Página de inicio  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI2308BDS Datasheet(HTML) 4 Page - Vishay Telefunken

  SI2308BDS Datasheet HTML 1Page - Vishay Telefunken SI2308BDS Datasheet HTML 2Page - Vishay Telefunken SI2308BDS Datasheet HTML 3Page - Vishay Telefunken SI2308BDS Datasheet HTML 4Page - Vishay Telefunken SI2308BDS Datasheet HTML 5Page - Vishay Telefunken SI2308BDS Datasheet HTML 6Page - Vishay Telefunken SI2308BDS Datasheet HTML 7Page - Vishay Telefunken SI2308BDS Datasheet HTML 8Page - Vishay Telefunken SI2308BDS Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Vishay Siliconix
Si2308BDS
www.vishay.com
4
Document Number: 69958
S-83053-Rev. B, 29-Dec-08
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
1
VSD -Source-to-Drain Voltage (V)
TJ = 25 °C
0.1
10
1.2
1.5
1.8
2.1
2.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power
0.10
0.15
0.20
0.25
0.30
0.35
345
6
7
8
910
VGS - Gate-to-Source Voltage (V)
TJ = 25 °C
TJ = 125 °C
ID =1.9 A
0
10
2
4
Time (s)
1
600
10
6
0.1
0.01
100
TA = 25 °C
Single Pulse
8
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
10
0.1
0.1
1
10
1
TA = 25 °C
Single Pulse
1ms
10 ms
100 ms
0.01
1s,10s
DC
BVDSS Limited
100
100 µs
Limited byRDS(on)*


Número de pieza similar - SI2308BDS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2308BDS VISHAY-SI2308BDS Datasheet
117Kb / 7P
   N-Channel 60-V (D-S) MOSFET
S-80429-Rev. A, 03-Mar-08
SI2308BDS VISHAY-SI2308BDS Datasheet
257Kb / 10P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
Si2308BDS VISHAY-Si2308BDS Datasheet
256Kb / 10P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI2308BDS VISHAY-SI2308BDS Datasheet
225Kb / 9P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI2308BDS-T1-E3 VISHAY-SI2308BDS-T1-E3 Datasheet
117Kb / 7P
   N-Channel 60-V (D-S) MOSFET
S-80429-Rev. A, 03-Mar-08
More results

Descripción similar - SI2308BDS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com