Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ20501 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza LMZ20501
Descripción Electrónicos  LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMZ20501 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMZ20501_15 Datasheet HTML 7Page - Texas Instruments LMZ20501_15 Datasheet HTML 8Page - Texas Instruments LMZ20501_15 Datasheet HTML 9Page - Texas Instruments LMZ20501_15 Datasheet HTML 10Page - Texas Instruments LMZ20501_15 Datasheet HTML 11Page - Texas Instruments LMZ20501_15 Datasheet HTML 12Page - Texas Instruments LMZ20501_15 Datasheet HTML 13Page - Texas Instruments LMZ20501_15 Datasheet HTML 14Page - Texas Instruments LMZ20501_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
500µs/div
Output Voltage
2V/div
PG
EN
Input Current
0.5A/div
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Output Current (A)
C001
LMZ20501
www.ti.com
SNVS874C – AUGUST 2012 – REVISED APRIL 2015
Feature Description (continued)
Figure 9. Typical Current Limit Profile
VIN = 5 V, VOUT = 1.8 V
8.3.4 Start-Up
Start-up and shutdown of the LMZ20501 is controlled by the EN input. The characteristics of this input are found
in the Electrical Characteristics table. A valid input voltage must be present on VIN before the enable control is
asserted. The maximum voltage on the EN pin is 5.5 V or VIN, whichever is smaller. Do not allow this input to
float.
The LMZ20501 features a current limit based soft-start, that prevents large inrush currents and output overshoots
as the regulator is starting up. The peak inductor current is stepped-up in a staircase fashion during the soft start
period. A typical start-up event is shown in Figure 10:
Figure 10. Typical Start-Up Waveforms, VIN = 5 V,
VOUT = 3.3 V, IOUT = 1 A
8.3.5 Drop-Out Behavior
When the input voltage is close to the output voltage the regulator will operate at very large duty cycles. Normal
time delays of the internal circuits prevents the attainment of controlled duty cycles near 100%. In this condition
the LMZ20501 will skip switching cycles in order to maintain regulation with the highest possible input-to-output
ratio. Some increase in output voltage ripple may appear as the regulator skips cycles. As the input voltage gets
closer to the output voltage, the regulator will eventually reach 100% duty cycle, with the high side switch turned
on. The output will then follow the input voltage minus the drop across the high side switch and inductor
resistance. Figure 11 and Figure 12 show typical drop-out behavior for output voltages of 2.5 V and 3.3 V.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ20501


Número de pieza similar - LMZ20501_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ20501EVM TI-LMZ20501EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501SILR TI1-LMZ20501SILR Datasheet
1Mb / 34P
[Old version datasheet]   1.0 A SIMPLE SWITCHER짰 Nano Module
LMZ20501SILT TI1-LMZ20501SILT Datasheet
1Mb / 34P
[Old version datasheet]   1.0 A SIMPLE SWITCHER짰 Nano Module
More results

Descripción similar - LMZ20501_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ14201H TI1-LMZ14201H Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
LMZ14202H TI-LMZ14202H_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14202H SIMPLE SWITCHER짰 6V to 42V, 2A High Output Voltage Power Module
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203H_1106 NSC-LMZ14203H_1106 Datasheet
632Kb / 20P
   3A SIMPLE SWITCHER짰 Power Module for High Output Voltage
logo
Texas Instruments
LMZ14203 TI-LMZ14203_13 Datasheet
2Mb / 25P
[Old version datasheet]   LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203 TI-LMZ14203_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com