Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ30604 Datasheet(PDF) 3 Page - Texas Instruments

No. de pieza LMZ30604
Descripción Electrónicos  4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMZ30604 Datasheet(HTML) 3 Page - Texas Instruments

  LMZ30604_15 Datasheet HTML 1Page - Texas Instruments LMZ30604_15 Datasheet HTML 2Page - Texas Instruments LMZ30604_15 Datasheet HTML 3Page - Texas Instruments LMZ30604_15 Datasheet HTML 4Page - Texas Instruments LMZ30604_15 Datasheet HTML 5Page - Texas Instruments LMZ30604_15 Datasheet HTML 6Page - Texas Instruments LMZ30604_15 Datasheet HTML 7Page - Texas Instruments LMZ30604_15 Datasheet HTML 8Page - Texas Instruments LMZ30604_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LMZ30604
www.ti.com
SNVS998 – JULY 2013
ELECTRICAL CHARACTERISTICS
Over -40°C to 85°C free-air temperature, VIN = 3.3 V, VOUT = 1.8 V, IOUT = 4A,
CIN1 = 47 µF ceramic, CIN2 = 220 µF poly-tantalum, COUT1 = 47 µF ceramic, COUT2 = 100 µF poly-tantalum (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOUT
Output current
TA = 85°C, natural convection
0
4
A
VIN
Input voltage range
Over IOUT range
2.95(1)
6
V
VIN = increasing
3.05
3.135
UVLO
VIN Undervoltage lockout
V
VIN = decreasing
2.5
2.75
VOUT(adj)
Output voltage adjust range
Over IOUT range
0.8
3.6
V
Set-point voltage tolerance
TA = 25°C, IOUT = 0A
±1.0% (2)
Temperature variation
-40°C
≤ TA ≤ +85°C, IOUT = 0A
±0.3%
VOUT
Line regulation
Over VIN range, TA = 25°C, IOUT = 0A
±0.1%
Load regulation
Over IOUT range, TA = 25°C
±0.1%
Total output voltage variation
Includes set-point, line, load, and temperature variation
±1.5% (2)
VOUT = 3.3V, fSW = 1 MHz
95%
VOUT = 2.5V, fSW = 1 MHz
93%
VOUT = 1.8V, fSW = 1 MHz
91%
VIN = 5 V
VOUT = 1.5V, fSW = 1 MHz
89%
IO = 2 A
VOUT = 1.2V, fSW =750 kHz
87%
VOUT = 1.0V, fSW = 650 kHz
85%
η
Efficiency
VOUT = 0.8V, fSW = 650 kHz
84%
VIN = 3.3V
VOUT = 1.8V, fSW = 1 MHz
90%
IO = 2 A
VOUT = 1.5V, fSW = 1 MHz
88%
VOUT = 1.2V, fSW = 750 kHz
87%
VOUT = 1.0V, fSW = 650 kHz
84%
VOUT = 0.8V, fSW = 650 kHz
82%
Output voltage ripple
20 MHz bandwith
9
mVPP
ILIM
Overcurrent threshold
7
A
Recovery time
80
µs
Transient response
1.0 A/µs load step from 1A to 3A
VOUT
90
mV
over/undershoot
VINH-H
Inhibit High Voltage
1.25
Open (3)
Inhibit Control
V
VINH-L
Inhibit Low Voltage
–0.3
1.0
II(stby)
Input standby current
INH pin to AGND
70
100
µA
Good
93%
VOUT rising
Fault
107%
PWRGD Thresholds
Power
Fault
91%
Good
VOUT falling
Good
105%
PWRGD Low Voltage
I(PWRGD) = 0.33 mA
0.3
V
fSW
Switching frequency
Over VIN and IOUT ranges, RT/CLK pin OPEN
400
500
600
kHz
fCLK
Synchronization frequency
500
2000
kHz
VCLK-H
CLK High-Level Threshold
2.2
3.3
V
CLK Control
VCLK-L
CLK Low-Level Threshold
-0.3
0.4
V
CLK_PW CLK Pulse Width
75(4)
ns
Thermal shutdown
175
°C
Thermal Shutdown
Thermal shutdown hysteresis
15
°C
(1)
The minimum VIN depends on VOUT and the switching frequency. Please refer to Table 7 for operating limits.
(2)
The stated limit of the set-point voltage tolerance includes the tolerance of both the internal voltage reference and the internal
adjustment resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
(3)
This control pin has an internal pullup. Do not place an external pull-up resistor on this pin. If this pin is left open circuit, the device
operates when input power is applied. A small low-leakage MOSFET is recommended for control. See the application section for further
guidance.
(4)
The maximum synchronization clock pulse width is dependant on VIN, VOUT, and the synchronization frequency. See the
Synchronization (CLK) section for more information.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ30604


Número de pieza similar - LMZ30604_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ30604EVM-001 TI-LMZ30604EVM-001 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ30604RKGR TI1-LMZ30604RKGR Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604RKGR TI1-LMZ30604RKGR Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604RKGT TI1-LMZ30604RKGT Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604RKGT TI1-LMZ30604RKGT Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

Descripción similar - LMZ30604_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com