Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ31530 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza LMZ31530
Descripción Electrónicos  30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

LMZ31530 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMZ31530_15 Datasheet HTML 3Page - Texas Instruments LMZ31530_15 Datasheet HTML 4Page - Texas Instruments LMZ31530_15 Datasheet HTML 5Page - Texas Instruments LMZ31530_15 Datasheet HTML 6Page - Texas Instruments LMZ31530_15 Datasheet HTML 7Page - Texas Instruments LMZ31530_15 Datasheet HTML 8Page - Texas Instruments LMZ31530_15 Datasheet HTML 9Page - Texas Instruments LMZ31530_15 Datasheet HTML 10Page - Texas Instruments LMZ31530_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LMZ31530
www.ti.com
SLVSBC7B – OCTOBER 2013 – REVISED DECEMBER 2013
PIN DESCRIPTIONS (continued)
TERMINAL
DESCRIPTION
NAME
NO.
11
22
23
24
Phase switch node. Do not place any external component on these pins or tie them to a pin of another
PH
25
function. Connect these pins using a copper area beneath pad 71.
26
27
28
71
42
43
PVIN
44
Input switching voltage pin. This pin supplies voltage to the power switches of the converter.
66
69
Power Good flag pin. This open drain output asserts low if the output voltage is more than approximately
PWRGD
19
±6% out of regulation.
Power Good pull-up pin. This pin is connected to a 100k
Ω resistor which is tied to the PWRGD pin internally.
PWRGD_PU
18
Connect this pin to V5V or to any voltage between 1.3V and 6.5V.
Remote sense connection. Connect this pin to VOUT at the load for improved regulation. This pin must be
SENSE+
14
connected to VOUT at the load, or at the module pins.
Slow-start select pin. Connect a resistor between this pin and PWRGD (or PGND) to select the slow-start
time. See the SS_SEL section of the datasheet for slow-start times and corresponding resistor values.
SS_SEL
3
Connect the SS_SEL pin to PGND to select Auto-skip Eco-mode or to the PWRGD pin (pin 19) to select
FCCM.
V5V
61
5V regulator pin. This regulator supplies the internal circuitry.
VADJ
13
Output voltage adjust pin. Connecting a resistor between this pin and AGND sets the output voltage.
2
VIN
Input bias voltage pins. Supplies the control circuitry of the power converter.
15
10
52
53
54
55
Output voltage. These pins are connected to the internal output inductor. Connect these pins to the output
VOUT
56
load and connect external bypass capacitors between these pins and PGND.
57
58
59
60
68
Copyright © 2013, Texas Instruments Incorporated
7
Product Folder Links: LMZ31530


Número de pieza similar - LMZ31530_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ31530RLGT TI1-LMZ31530RLGT Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
More results

Descripción similar - LMZ31530_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ31530 TI1-LMZ31530 Datasheet
768Kb / 30P
[Old version datasheet]   30A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31520 TI1-LMZ31520 Datasheet
766Kb / 30P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31520 TI-LMZ31520_15 Datasheet
1Mb / 32P
[Old version datasheet]   20A SIMPLE SWITCHER짰 Power Module with 3.0V-14.5V Input in QFN Package
LMZ31506H TI-LMZ31506H_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI-LMZ31503_15 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
1Mb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31503 TI1-LMZ31503 Datasheet
973Kb / 29P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com