Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3634 Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza 2N3634
Descripción Electrónicos  Low Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3634 Datasheet(HTML) 5 Page - ON Semiconductor

  2N3634 Datasheet HTML 1Page - ON Semiconductor 2N3634 Datasheet HTML 2Page - ON Semiconductor 2N3634 Datasheet HTML 3Page - ON Semiconductor 2N3634 Datasheet HTML 4Page - ON Semiconductor 2N3634 Datasheet HTML 5Page - ON Semiconductor 2N3634 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2N3634, 2N3634L, 2N3635, 2N3635L, 2N3636, 2N3636L, 2N3637, 2N3637L
http://onsemi.com
5
PACKAGE DIMENSIONS
TO−5 3−Lead
CASE 205AA
ISSUE B
STYLE 1:
PIN 1. EMITTER
2. BASE
3. COLLECTOR
SEATING
PLANE
R
F
B
C
K
L
P
D
3X
M
H
J
S
B
0.007 (0.18MM)
C M
A
N
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
0.350
0.370
8.89
9.40
B
0.315
0.335
8.00
8.51
C
0.240
0.260
6.10
6.60
D
0.016
0.021
0.41
0.53
E
0.009
0.125
0.23
3.18
F
0.016
0.019
0.41
0.48
N
0.200 BSC
5.08 BSC
H
0.028
0.034
0.71
0.86
J
0.029
0.040
0.73
1.02
K
1.500
1.750
38.10
44.45
L
0.250
---
6.35
---
M
45 BSC
45 BSC
R
0.054 BSC
1.37 BSC
P
---
0.050
---
1.27
_
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. DIMENSION J MEASURED FROM DIAMETER A TO EDGE.
4. LEAD TRUE POSITION TO BE DETERMINED AT THE GUAGE
PLANE DEFINED BY DIMENSION R.
5. DIMENSION F APPLIES BETWEEN DIMENSION P AND L.
6. DIMENSION D APPLIES BETWEEN DIMENSION L AND K.
7. BODY CONTOUR OPTIONAL WITHIN ZONE DEFINED BY DIMEN­
SIONS A, B, AND T.
8. DIMENSION B SHALL NOT VARY MORE THAN 0.010 IN ZONE P.
T
---
0.030
---
0.76
U
0.100
---
2.54
---
A
B
A
DETAIL X
U
NOTE 5
NOTES 4 & 6
C
U
E
2
3
1
DETAIL X
NOTE 7
T
LEAD IDENTIFICATION
DETAIL


Número de pieza similar - 2N3634

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Boca Semiconductor Corp...
2N3634 BOCA-2N3634 Datasheet
219Kb / 6P
   GENERAL PURPOSE TRANSISTOR (PNP SILICON)
logo
Microsemi Corporation
2N3634 MICROSEMI-2N3634 Datasheet
57Kb / 2P
   PNP SILICON AMPLIFIER TRANSISTOR
logo
Central Semiconductor C...
2N3634 CENTRAL-2N3634 Datasheet
22Kb / 1P
   Small Signal Transistors
logo
Seme LAB
2N3634 SEME-LAB-2N3634 Datasheet
41Kb / 2P
   PNP SILICON TRANSISTOR
logo
Microsemi Corporation
2N3634 MICROSEMI-2N3634 Datasheet
233Kb / 5P
   RADIATION HARDENED
More results

Descripción similar - 2N3634

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2N3019SJANTX ONSEMI-2N3019SJANTX Datasheet
112Kb / 4P
   Low Power Transistors
August, 2012 ??Rev. 2
logo
List of Unclassifed Man...
672-3866A ETC-672-3866A Datasheet
363Kb / 5P
   RF & MICROWAVE TRANSISTORS LOW POWER TRANSISTORS
T2N4401 ETC2-T2N4401 Datasheet
254Kb / 7P
   Low Power Bipolar Transistors
logo
STMicroelectronics
MJD360T4-A STMICROELECTRONICS-MJD360T4-A Datasheet
92Kb / 7P
   Low voltage complementary power transistors
logo
American Microsemicondu...
2N5163 AMMSEMI-2N5163 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235_09 Datasheet
232Kb / 9P
   Low voltage NPN power transistors
logo
American Microsemicondu...
2N4224 AMMSEMI-2N4224 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N5362 AMMSEMI-2N5362 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N5457 AMMSEMI-2N5457 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
2N4221 AMMSEMI-2N4221 Datasheet
905Kb / 1P
   LOW POWER FIELD EFFECT TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com