Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC75838W Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza LC75838W
Descripción Electrónicos  Duty General-Purpose LCD Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75838W Datasheet(HTML) 1 Page - ON Semiconductor

  LC75838W Datasheet HTML 1Page - ON Semiconductor LC75838W Datasheet HTML 2Page - ON Semiconductor LC75838W Datasheet HTML 3Page - ON Semiconductor LC75838W Datasheet HTML 4Page - ON Semiconductor LC75838W Datasheet HTML 5Page - ON Semiconductor LC75838W Datasheet HTML 6Page - ON Semiconductor LC75838W Datasheet HTML 7Page - ON Semiconductor LC75838W Datasheet HTML 8Page - ON Semiconductor LC75838W Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
Publication Order Number :
LC75838W/D
www.onsemi.com
© Semiconductor Components Industries, LLC, 2015
January 2015 - Rev. 0
ORDERING INFORMATION
See detailed ordering and shipping information on page 36 of this data sheet.
LC75838W
Overview
The LC75838W is 1/8 to 1/10 duty general-purpose LCD display driver used
for character and graphics display. This product operates under the control of a
microcontroller and can directly drive an LCD with up to 380 segments. It can
also control up to 3 general-purpose output ports.
Features
 1/8duty–1/4bias, 1/9duty–1/4bias, and 1/10duty–1/4bias drive schemes can be controlled from serial data.
1/8duty–1/4bias: up to 320 segments
1/9duty–1/4bias: up to 351 segments
1/10duty–1/4bias: up to 380 segments
 Serial data input supports CCB format communication with the system controller.
 Serial data control of the power-saving mode based backup function and all the segments forced off function.
 Direct display of display data without the use of a decoder provides high generality.
 Built-in display contrast adjustment circuit.
 Up to 3 general-purpose output ports are included.
 Independent LCD driver block power supply VLCD.
 The INH pin is provided. This pin turns off the display and forces the general-purpose output ports to the low level.
 RC oscillator circuit
CMOS LSI
1/8 to 1/10 Duty General-Purpose
LCD Driver
CCB is ON Semiconductor® ’s original format. All addresses are managed
by ON Semiconductor® for this format.
CCB is a registered trademark of Semiconductor Components Industries, LLC.
SPQFP64 10x10 / SQFP64


Número de pieza similar - LC75838W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC75838W SANYO-LC75838W Datasheet
341Kb / 32P
   1/8 to 1/10 Duty General-Purpose LCD Display Drivers
More results

Descripción similar - LC75838W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
   Duty General-Purpose LCD Driver
July, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
   Duty General-Purpose LCD Driver
January, 2014
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75878W ONSEMI-LC75878W_17 Datasheet
370Kb / 36P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75897W ONSEMI-LC75897W Datasheet
352Kb / 33P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com