Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N1188R Datasheet(PDF) 2 Page - Microsemi Corporation

No. de pieza 1N1188R
Descripción Electrónicos  Military Silicon Power Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N1188R Datasheet(HTML) 2 Page - Microsemi Corporation

  1N1188R Datasheet HTML 1Page - Microsemi Corporation 1N1188R Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Número de pieza similar - 1N1188R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N1188R MICROSEMI-1N1188R Datasheet
123Kb / 3P
   HIGH RELIABILITY SILICON POWER RECTIFIER
logo
GeneSiC Semiconductor, ...
1N1188R GENESIC-1N1188R Datasheet
724Kb / 3P
   Silicon Standard Recovery Diode
1N1188R GENESIC-1N1188R Datasheet
769Kb / 3P
   Silicon Standard Recovery Diode
logo
Vishay Siliconix
1N1188RA VISHAY-1N1188RA Datasheet
531Kb / 8P
   Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
Revision: 04-Dec-12
logo
List of Unclassifed Man...
1N1188RA ETC1-1N1188RA Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
More results

Descripción similar - 1N1188R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
JANTX1N1202A MICROSEMI-JANTX1N1202A Datasheet
129Kb / 2P
   MILITARY SILICON POWER RECTIFIER
logo
New Jersey Semi-Conduct...
1N1614 NJSEMI-1N1614 Datasheet
274Kb / 2P
   Military Silicon Power Rectifier
logo
Microsemi Corporation
1N1202A MICROSEMI-1N1202A Datasheet
106Kb / 2P
   Military Silicon Power Rectifier
1N1124A MICROSEMI-1N1124A Datasheet
111Kb / 2P
   MILITARY SILICON POWER RECTIFIER
1N1614 MICROSEMI-1N1614 Datasheet
111Kb / 2P
   Military Silicon Power Rectifier
99016 MICROSEMI-99016 Datasheet
109Kb / 2P
   Military Silicon Power Rectifier
1N6392 MICROSEMI-1N6392 Datasheet
116Kb / 2P
   Military Schottky Rectifier
1N6391 MICROSEMI-1N6391 Datasheet
114Kb / 2P
   Military Schottky Rectifier
IN3890A MICROSEMI-IN3890A Datasheet
121Kb / 2P
   Military FAST RECOVERY RECTIFIER
IN5812 MICROSEMI-IN5812 Datasheet
121Kb / 2P
   Military FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com