Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STK672-630CN-E Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza STK672-630CN-E
Descripción Electrónicos  2-phase Stepper Motor Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-630CN-E Datasheet(HTML) 7 Page - ON Semiconductor

Back Button STK672-630CN-E Datasheet HTML 3Page - ON Semiconductor STK672-630CN-E Datasheet HTML 4Page - ON Semiconductor STK672-630CN-E Datasheet HTML 5Page - ON Semiconductor STK672-630CN-E Datasheet HTML 6Page - ON Semiconductor STK672-630CN-E Datasheet HTML 7Page - ON Semiconductor STK672-630CN-E Datasheet HTML 8Page - ON Semiconductor STK672-630CN-E Datasheet HTML 9Page - ON Semiconductor STK672-630CN-E Datasheet HTML 10Page - ON Semiconductor STK672-630CN-E Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
STK672-630CN-E
No.2316-7/31
[Setting the motor current]
The motor current, IOH, is set using the Pin 19 voltage, Vref, of the hybrid IC.
Equations related to IOH and Vref are given below.
Vref
 (RO2  (RO2+RO1))VDD(5V) ··········································· (1)
IOH  (Vref  4.9)  Rs ······························································· (2)
The value of 4.9 in Equation (2) above represents the Vref voltage as divided by a circuit inside the control IC.
Rs : 0.141
 (Current detection resistor inside the hybrid IC)
IOH
0
Input Pin Functions
Pin Name
Pin No.
Function
Input Conditions When Operating
CLOCK
12
Reference clock for motor phase current switching
Operates on the rising edge of the signal (MODE2=H)
MODE1
10
Excitation mode selection
Low: 2-phase excitation
High: 1-2 phase excitation
MODE2
17
High: Rising edge
Low: Rising and falling edge
CWB
13
Motor direction switching
Low: CW (forward)
High: CCW (reverse)
RESETB
14
System reset
Initial state of A and BB phase excitation in the timing charts
is set by switching from low to high.
A reset is applied by a low level
ENABLE
15
The A, AB, B, and BB outputs are turned off, and after
operation is restored by returning the ENABLE pin to the
high level, operation continues with the same excitation
timing as before the low-level input.
The A, AB, B, and BB outputs are turned off by a
low-level input.
Output Pin Functions
Pin Name
Pin No.
Function
Input Conditions When Operating
FAULT1
16
Monitor pin used when over-current detection or overheat
detection function is activated.
Low level is output when detected.
FAULT2
8
The result of activation of protection circuit detection is
output.
3 levels output voltage
VrefOP
7
Monitor pin of reference voltage used when opened motor
terminal detection.
Normal DC voltage output (typ98mV)
Note : See the timing chart for the concrete details on circuit operation.


Número de pieza similar - STK672-630CN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-630C-E ONSEMI-STK672-630C-E Datasheet
243Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results

Descripción similar - STK672-630CN-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com