Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL4050C50QDBZRQ1 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TL4050C50QDBZRQ1 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 20 page CATHODE ANODE * 1 2 3 DCK (SC-70) PACKAGE (TOP VIEW) ANODE NC CATHODE NC NC 1 2 3 5 4 NC – No internal connection DBZ (SOT-23-3) PACKAGE (TOP VIEW) «Pin 3 is attached to Substrate and must be connected to ANODE or left open. TL4050-Q1 www.ti.com SLOS588F – JUNE 2008 – REVISED APRIL 2013 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE Check for Samples: TL4050-Q1 1 FEATURES Capacitor Required • Available in Extended Temperature Range: • Qualified for Automotive Applications –40°C to 125°C • Fixed Output Voltages of 2.048 V, 2.5 V, 4.096 V, 5 V APPLICATIONS • Tight Output Tolerances and Low Temperature • Data-Acquisition Systems Coefficient • Power Supplies and Power-Supply Monitors – Max 0.1%, 50 ppm/°C – A Grade • Instrumentation and Test Equipment – Max 0.2%, 50 ppm/°C – B Grade • Process Controls – Max 0.5%, 50 ppm/°C – C Grade • Precision Audio • Low Output Noise: 41 μVRMS Typ • Automotive Electronics • Wide Operating Current Range: 60 μA Typ to 15 mA • Energy Management • Stable With All Capacitive Loads; No Output • Battery-Powered Equipment DESCRIPTION The TL4050-Q1 family of shunt voltage references are versatile easy-to-use references suitable for a wide array of applications. The two-terminal fixed-output device requires no external capacitors for operation and is stable with all capacitive loads. Additionally, the reference offers low dynamic impedance, low noise, and low temperature coefficient to ensure a stable output voltage over a wide range of operating currents and temperatures. The TL4050-Q1 is available in three initial tolerances, ranging from 0.1% (maximum) for the A grade to 0.5% (maximum) for the C grade. Thus, a great deal of flexibility is available to designers in choosing the best cost-to-performance ratio for their applications. Packaged in the space-saving SOT-23-3 and SC-70 packages and requiring a minimum current of 45 μA (typical), the TL4050-Q1 also is ideal for portable applications. The TL4050x-Q1 characterization is for operation over an ambient temperature range of –40°C to 125°C. PACKAGE AND ORDERING INFORMATION For the most-current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI Web site at www.ti.com. Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2008–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Número de pieza similar - TL4050C50QDBZRQ1 |
|
Descripción similar - TL4050C50QDBZRQ1 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |