Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N3741 Datasheet(PDF) 3 Page - Microsemi Corporation

No. de pieza 2N3741
Descripción Electrónicos  Medium Power PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3741 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N3741 Datasheet HTML 1Page - Microsemi Corporation 2N3741 Datasheet HTML 2Page - Microsemi Corporation 2N3741 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MSC1041.PDF 03-12-99
2N3741
PACKAGE MECHANICAL DATA:
PACKAGE MECHANICAL DATA:
NOTE: DIMENSIONS IN [ ] = MILLIMETERS
.050 [1.27]
.075 [1.91]
.028 [0.71]
.034 [0.86]
.958 [24.33]
.962 [24.43]
.142 [3.61]
.152 [3.86]
.620 [15.75] MAX
R.350 [8.89] MAX
.470 [11.94]
.500 [12.70]
.250 [6.35]
.340 [8.64]
.190 [4.83]
.210 [5.33]
.095 [2.41]
.105 [2.67]
.570 [14.48]
.590 [14.99]
.360 [9.14] MIN
R.145 [3.68] MAX
.050 [1.27] MAX
SEATING PLANE
2
1


Número de pieza similar - 2N3741

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
2N3741 MOSPEC-2N3741 Datasheet
120Kb / 3P
   POWER TRANSISTORS(4A,25W)
logo
New Jersey Semi-Conduct...
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
logo
Boca Semiconductor Corp...
2N3741 BOCA-2N3741 Datasheet
125Kb / 3P
   MEDIUM-POWER PNP TRANSISTORS
logo
Savantic, Inc.
2N3741 SAVANTIC-2N3741 Datasheet
117Kb / 3P
   Silicon PNP Power Transistors
logo
Central Semiconductor C...
2N3741 CENTRAL-2N3741 Datasheet
86Kb / 1P
   PNP SILICON POWER TRANSISTORS
More results

Descripción similar - 2N3741

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STF817 STMICROELECTRONICS-STF817 Datasheet
57Kb / 5P
   PNP MEDIUM POWER TRANSISTORS
logo
Microsemi Corporation
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
NXP Semiconductors
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
   PNP medium power transistors
1999 Apr 08
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
   PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
   MEDIUM POWER PNP TRANSISTORS
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
   Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
   PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
   PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
   PNP medium power transistors
1999 Apr 26
logo
Guangdong Kexin Industr...
BCP51 KEXIN-BCP51 Datasheet
39Kb / 2P
   PNP Medium Power Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com