Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5179 Datasheet(PDF) 4 Page - Microsemi Corporation

No. de pieza 2N5179
Descripción Electrónicos  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5179 Datasheet(HTML) 4 Page - Microsemi Corporation

  2N5179 Datasheet HTML 1Page - Microsemi Corporation 2N5179 Datasheet HTML 2Page - Microsemi Corporation 2N5179 Datasheet HTML 3Page - Microsemi Corporation 2N5179 Datasheet HTML 4Page - Microsemi Corporation 2N5179 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSC1305.PDF 10-25-99
2N5179
FUNCTIONAL (CONT)
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
G
U max
Maximum Unilateral Gain (1)
IC = 5 mAdc, VCE = 6.0 Vdc,
f = 200 MHz
-
17
-
dB
MAG
Maximum Available Gain
IC = 5 mAdc, VCE = 6.0 Vdc,
f = 200 MHz
-
18
-
dB
|S21|
2
Insertion Gain
IC = 5 mAdc, VCE = 6.0 Vdc,
f = 200 MHz
-
12
-
dB
Note: 1. Maximum Unilateral Gain = |
S21|2 / (1 - |S11|2) (1 - |S22|2)
Table 1. Common Emitter S-Parameters, @ VCE = 6 V, IC = 5 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
100
.471
-90
6.78
122
.023
64
.844
-51
200
.314
-145
4.20
100
.034
58
.780
-93
300
.230
156
2.76
91
.043
65
.768
-134
400
.171
108
2.17
86
.056
63
.756
-177
500
.168
54
1.86
79
.062
62
.741
140
600
.149
-9
1.53
71
.069
66
.740
98
700
.137
-72
1.31
67
.073
71
.739
54
800
.119
-129
1.18
64
.092
74
.744
8
900
.153
-174
1.13
58
.101
68
.742
-38
1000
.171
122
.979
49
.106
71
.749
-82


Número de pieza similar - 2N5179

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
2N5179 STMICROELECTRONICS-2N5179 Datasheet
42Kb / 2P
   VHF/UHF AMPLIFIER
logo
Boca Semiconductor Corp...
2N5179 BOCA-2N5179 Datasheet
47Kb / 2P
   NPN SILICON PLANAR TRANSISTOR
logo
Micro Electronics
2N5179 MICRO-ELECTRONICS-2N5179 Datasheet
117Kb / 2P
   NPN SILICON RF SMALL-SIGNAL TRANSISTOR
logo
Central Semiconductor C...
2N5179 CENTRAL-2N5179 Datasheet
61Kb / 1P
   Small Signal NPN Transistors / Dual Transistors
logo
Advanced Power Technolo...
2N5179 ADPOW-2N5179 Datasheet
184Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Descripción similar - 2N5179

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Microsemi Corporation
MRF581 MICROSEMI-MRF581_08 Datasheet
162Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BFR96 NJSEMI-BFR96 Datasheet
81Kb / 3P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com