Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DMA24 Datasheet(PDF) 2 Page - Microsemi Corporation |
|
DMA24 Datasheet(HTML) 2 Page - Microsemi Corporation |
2 / 2 page Application Notes for IGBTVS TM Microsemi’s IGBTVSTM protector is intended for transients produced during load switching with a duty cycle not to exceed .01%. For protecting against transients produced when IGBTs are applied as ac power switches and over current protectors. Stored energy in the line and load produces damaging transient voltages during power down or fault interrupt. Microsemi’s IGBTVSTM transient suppressor protects from nanosecond rise transients with surge currents to 200A, 1.5/50µs. Typical application on a 3 power line is illustrated below. Each control module contains IGBTs, gate drive and two IGBTVS TM as illustrated by #2 above 3. COMPOSITE 3 PHASE PROTECTION 1 2 AC IN LINE R & L LINE R & L LINE R & L 3 LOAD 2. DETAILS OF SINGLE PHASE PROTECTION GATE DRIVE IGBT AC LINE IN IGBT IGB TVS TM LOAD CONTROL MODULE LINE R & L 1. CONCEPT ac POWER FROM SERVICE ENTRY TO LOAD TVS IGBT LINE R & L |
Número de pieza similar - DMA24 |
|
Descripción similar - DMA24 |