Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX55C39RL Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza BZX55C39RL
Descripción Electrónicos  Hermetically Sealed Glass Zener Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BZX55C39RL Datasheet(HTML) 6 Page - ON Semiconductor

Back Button BZX55C39RL Datasheet HTML 2Page - ON Semiconductor BZX55C39RL Datasheet HTML 3Page - ON Semiconductor BZX55C39RL Datasheet HTML 4Page - ON Semiconductor BZX55C39RL Datasheet HTML 5Page - ON Semiconductor BZX55C39RL Datasheet HTML 6Page - ON Semiconductor BZX55C39RL Datasheet HTML 7Page - ON Semiconductor BZX55C39RL Datasheet HTML 8Page - ON Semiconductor BZX55C39RL Datasheet HTML 9Page - ON Semiconductor BZX55C39RL Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BZX55C2V4RL Series
http://onsemi.com
6
+12
+10
+8
+6
+4
+2
0
−2
−4
2
345
67
8
9
10
11
12
VZ, ZENER VOLTAGE (VOLTS)
Figure 4a. Range for Units to 12 Volts
VZ @IZT
(NOTE 2)
RANGE
TEMPERATURE COEFFICIENTS
(−55°C to +150°C temperature range; 90% of the units are in the ranges indicated.)
100
70
50
30
20
10
7
5
3
2
1
2
3
4
5
6
7
8
9
10
11
12
10
20
30
50
70
100
VZ, ZENER VOLTAGE (VOLTS)
Figure 4b. Range for Units 12 to 100 Volts
RANGE
VZ @IZ (NOTE 2)
120
130
140
150
160
170
180
190
200
200
180
160
140
120
100
VZ, ZENER VOLTAGE (VOLTS)
Figure 4c. Range for Units 120 to 200 Volts
VZ @IZT
(NOTE 2)
+6
+4
+2
0
−2
−4
3
4
56
78
VZ, ZENER VOLTAGE (VOLTS)
Figure 5. Effect of Zener Current
NOTE: BELOW 3 VOLTS AND ABOVE 8 VOLTS
NOTE: CHANGES IN ZENER CURRENT DO NOT
NOTE: AFFECT TEMPERATURE COEFFICIENTS
1mA
0.01mA
VZ @IZ
TA =25°C
1000
500
200
100
50
20
10
5
2
1
1
2
5
10
20
50
100
VZ, ZENER VOLTAGE (VOLTS)
Figure 6a. Typical Capacitance 2.4−100 Volts
TA =25°C
0V BIAS
1V BIAS
50% OF
VZ BIAS
100
70
50
30
20
10
7
5
3
2
1
120
140
160
180
190
200
220
VZ, ZENER VOLTAGE (VOLTS)
Figure 6b. Typical Capacitance 120−200 Volts
TA =25°C
1VOLTBIAS
50% OF VZ BIAS
0 BIAS
20mA


Número de pieza similar - BZX55C39RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
BZX55C39RL MOTOROLA-BZX55C39RL Datasheet
424Kb / 42P
   500 mW DO-35 Glass Zener Voltage Regulator Diodes
More results

Descripción similar - BZX55C39RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
VLZ SECOS-VLZ_15 Datasheet
416Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
VLZ SECOS-VLZ Datasheet
422Kb / 5P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
LLZ5221B TSC-LLZ5221B Datasheet
129Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Luguang Electr...
BZX55C2V0 LUGUANG-BZX55C2V0 Datasheet
78Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
BZX55C LUGUANG-BZX55C Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com