Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1624T-TD-E Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza 2SD1624T-TD-E
Descripción Electrónicos  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1624T-TD-E Datasheet(HTML) 2 Page - ON Semiconductor

  2SD1624T-TD-E Datasheet HTML 1Page - ON Semiconductor 2SD1624T-TD-E Datasheet HTML 2Page - ON Semiconductor 2SD1624T-TD-E Datasheet HTML 3Page - ON Semiconductor 2SD1624T-TD-E Datasheet HTML 4Page - ON Semiconductor 2SD1624T-TD-E Datasheet HTML 5Page - ON Semiconductor 2SD1624T-TD-E Datasheet HTML 6Page - ON Semiconductor 2SD1624T-TD-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SB1124 / 2SD1624
No.2019-2/7
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Collector Dissipation
PC
500
mW
When mounted on ceramic substrate (250mm2×0.8mm)
1.5
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)1
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)1
μA
DC Current Gain
hFE1VCE=(--)2V, IC=(--)100mA
100*
560*
hFE2VCE=(--)2V, IC=(--)3A
35
Gain-Bandwidth Product
fT
VCE=(--)10V, IC=(--)50mA
150
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(39)25
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)2A, IB=(--)100mA
(--0.35)0.19
(--0.7)0.5
V
Base-to-Emitter Saturation Voltage
VBE(sat)
VCE=(--)2A, IC=(--)100mA
(--)0.94
(--)1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)10μA, IE=0A
(--)60
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)10μA, IC=0A
(--)6
V
Turn-ON Time
ton
See specified Test Circuit.
(70)70
ns
Storage Time
tstg
(450)650
ns
Fall Time
tf
(35)35
ns
* ; The 2SB1124/2SD1624 are classified by 100mA hFE as follows :
Rank
R
S
T
U
hFE
100 to 200
140 to 280
200 to 400
280 to 560
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SB1124S-TD-E
PCP
1,00pcs./reel
Pb Free
2SB1124S-TD-H
PCP
1,00pcs./reel
Pb Free and Halogen Free
2SB1124T-TD-E
PCP
1,00pcs./reel
Pb Free
2SB1124T-TD-H
PCP
1,00pcs./reel
Pb Free and Halogen Free
2SD1624S-TD-E
PCP
1,00pcs./reel
Pb Free
2SD1624S-TD-H
PCP
1,00pcs./reel
Pb Free and Halogen Free
2SD1624T-TD-E
PCP
1,00pcs./reel
Pb Free
2SD1624T-TD-H
PCP
1,00pcs./reel
Pb Free and Halogen Free
VR
RB
25V
--5V
+
+
50Ω
INPUT
OUTPUT
25Ω
100μF
470μF
PW=20μs
IC=10IB1= --10IB2=1A
For PNP, the polarity is reversed.
IB1
D.C.≤1%
IB2
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Número de pieza similar - 2SD1624T-TD-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SD1624T-TD-E ONSEMI-2SD1624T-TD-E Datasheet
355Kb / 7P
   Bipolar Transistor -50V, -3A, Low VCEsat, PNP,NPN Single PCP
September, 2013
2SD1624T-TD-E ONSEMI-2SD1624T-TD-E Datasheet
355Kb / 7P
   Bipolar Transistor
September, 2013
logo
Sanyo Semicon Device
2SD1624T-TD-E SANYO-2SD1624T-TD-E Datasheet
458Kb / 7P
   High Current Switching Applications
More results

Descripción similar - 2SD1624T-TD-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com