Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F2R04A Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza LC87F2R04A
Descripción Electrónicos  8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F2R04A Datasheet(HTML) 2 Page - ON Semiconductor

  LC87F2R04A Datasheet HTML 1Page - ON Semiconductor LC87F2R04A Datasheet HTML 2Page - ON Semiconductor LC87F2R04A Datasheet HTML 3Page - ON Semiconductor LC87F2R04A Datasheet HTML 4Page - ON Semiconductor LC87F2R04A Datasheet HTML 5Page - ON Semiconductor LC87F2R04A Datasheet HTML 6Page - ON Semiconductor LC87F2R04A Datasheet HTML 7Page - ON Semiconductor LC87F2R04A Datasheet HTML 8Page - ON Semiconductor LC87F2R04A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LC87F2R04A
No.A1622-2/25
Minimum Bus Cycle
• 83.3ns (12MHz at VDD=2.7V to 5.5V)
• 100ns (10MHz at VDD=2.2V to 5.5V)
Note: The bus cycle time here refers to the ROM read speed.
Minimum Instruction Cycle Time
• 250ns (12MHz at VDD=2.7V to 5.5V)
• 300ns (10MHz at VDD=2.2V to 5.5V)
Package Dimensions
unit : mm (typ)
3112B
SANYO : MFP24S(300mil)
1
12
13
24
12.5
0.15
1.0
0.35
(0.75)
(discontinued)
(build-to-order )
(build-to-order )
Package Dimensions
unit : mm (typ)
3175C
Package Dimensions
unit : mm (typ)
3366
SANYO : VCT24(3.0X3.0)
3.0
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
0.19
0.4
(0.5)
(C0.14)
1
2
24
(0.125)
SANYO : SSOP24(275mil)
7.8
0.22
0.65
(0.33)
12
13
24
1
0.15


Número de pieza similar - LC87F2R04A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F2R04A SANYO-LC87F2R04A Datasheet
167Kb / 24P
   8-bit 1-chip Microcontroller
More results

Descripción similar - LC87F2R04A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com