Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F0A08AUEB-NH Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza LC87F0A08AUEB-NH
Descripción Electrónicos  8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F0A08AUEB-NH Datasheet(HTML) 2 Page - ON Semiconductor

  LC87F0A08AUEB-NH Datasheet HTML 1Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 2Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 3Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 4Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 5Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 6Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 7Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 8Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LC87F0A08A
No.A1535-2/24
Minimum Bus Cycle Time
125ns (8MHz at VDD=2.5V to 5.5V)
250ns (4MHz at VDD=2.5V to 5.5V)
Note: The bus cycle time here refers to the ROM read speed.
Minimum Instruction Cycle Time (tCYC)
375ns (8MHz VDD=2.5V to 5.5V)
 750ns (4MHz VDD=2.5V to 5.5V)
Ports
 Normal withstand voltage I/O ports
whose I/O direction specifiable in 1-bit units:
28 (P0n, P1n, P2n, P30 to P32, P70)
Oscillation/input dedicated ports:
2 (CF1/XT1, CF2/XT2)
External reset pins:
1 (RES)
Power supply pins:
4 (VSS1, AVSS, VDD1, VDD2)
Reference voltage outputs:
1 (VREF)
Timers
Timer 0: 16-bit timer/counter with a capture register.
Mode 0: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
 2 channels
Mode 1: 8-bit timer with an 8-bit programmable prescaler (with an 8-bit capture register)
+ 8-bit counter (with an 8-bit capture register)
Mode 2: 16-bit timer with an 8-bit programmable prescaler (with a 16-bit capture register)
Mode 3: 16-bit counter (with a 16-bit capture register)
Timer 1: 16-bit timer/counter that supports PWM/toggle outputs
Mode 0: 8-bit timer with an 8-bit prescaler (with toggle outputs)
+ 8-bit timer/counter with an 8-bit prescaler (with toggle outputs)
Mode 1: 8-bit PWM with an 8-bit prescaler
 2 channels
Mode 2: 16-bit timer/counter with an 8-bit prescaler (with toggle outputs)
(toggle outputs also possible from lower-order 8 bits)
Mode 3: 16-bit timer with an 8-bit prescaler (with toggle outputs)
(lower-order 8 bits may be used as PWM outputs)
Timer A: 16-bit timer
Mode 0: 8-bit timer with an 8-bit programmable prescaler
 2 channels
Mode 1: 16-bit timer with an 8-bit programmable prescaler
Base timer
1) The input clock is selectable from the subclock (32.768kHz crystal oscillation), low-speed RC oscillator clock,
system clock, and timer 0 prescaler output.
(Release of the X'tal HOLD mode is enabled when the subclock or low-speed RC oscillator clock is selected.)
2) Provided with an 8-bit programmable prescaler.
3) Interrupts programmable in 5 different time schemes.
SIO
SIO1: 8-bit asynchronous/synchronous serial interface
Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks)
Mode 1: Asynchronous serial I/O (half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates)
Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks)
Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect)
AD Converter
AD converter input port with a 20 operational amplifier (1 channel)
AD converter input ports (8 channels)
12/8 bits AD converter resolution selectable
Constant Voltage Detection Interrupt (CVD) Function
1) Detects VDD voltage fluctuations and generates an interrupt request.
2) The CVD detection level can be selected from 12 levels (2.6V, 2.8V, 3.0V, 3.2V, 3.4V, 3.6V, 3.8V, 4.0V, 4.2V,
4.4V, 4.6V, and 4.8V) through a register.


Número de pieza similar - LC87F0A08AUEB-NH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Descripción similar - LC87F0A08AUEB-NH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com