Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F0A08AUEB-NH Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza LC87F0A08AUEB-NH
Descripción Electrónicos  8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F0A08AUEB-NH Datasheet(HTML) 3 Page - ON Semiconductor

  LC87F0A08AUEB-NH Datasheet HTML 1Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 2Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 3Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 4Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 5Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 6Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 7Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 8Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LC87F0A08A
No.A1535-3/24
Comparator
Comparator input pin (1 channel)
Comparator output pin (1 channel)
Comparator output set high when (comparator input level) < 1.22V
Comparator output set low when (comparator input level) > 1.22V
Clock Output Function
Generates clocks with a clock rate of 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, or 1/64 of the source oscillation clock that is
selected as the system clock.
Watchdog Timer
Generates an internal reset on an overflow occurring in the timer running on the low-speed RC oscillator clock
(approx. 30kHz) or subclock.
Operating mode at standby is selectable from 3 modes
(continue counting/suspend operation/suspend counting with the count value retained)
Interrupts
16 sources, 9 vectors
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address is given priority.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0/CVD
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4/TAL
4
0001BH
H or L
INT3/BT
5
00023H
H or L
T0H/TAH
6
0002BH
H or L
T1L/T1H
7
00033H
H or L
8
0003BH
H or L
SIO1
9
00043H
H or L
ADC
10
0004BH
H or L
P0
Priority levels X > H > L
When interrupts of the same level occur at the same time, an interrupt with a smaller vector address is given priority.
Subroutine Stack Levels: Up to 128levels (the stack is allocated in RAM.)
High-speed Multiplication/Division Instructions
16 bits  8 bits
(5 tCYC execution time)
24 bits  16 bits
(12 tCYC execution time)
16 bits  8 bits
(8 tCYC execution time)
24 bits  16 bits
(12 tCYC execution time)
Oscillation Circuits
Internal oscillation circuits
1) Low-speed RC oscillation circuit: For system clock (approx.30kHz)
2) Medium-speed RC oscillation circuit:
For system clock (1MHz)
3) Hi-speed RC oscillation circuit:
For system clock (8MHz)
System Clock Divider Function
Can run on low consumption current.
Minimum instruction cycle selectable from 375ns, 750ns, 1.5s, 3.0s, 6.0s, 12.0s, 24.0s, 48.0s, and 96.0s
(at 8MHz main clock)


Número de pieza similar - LC87F0A08AUEB-NH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Descripción similar - LC87F0A08AUEB-NH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com