Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LC898212XA Datasheet(PDF) 2 Page - ON Semiconductor |
|
LC898212XA Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 5 page LC898212XA No.A2118-2/5 Features • Built-in equalizer circuit using digital operation AF control equalize circuit Any coefficient can be specified by I 2C I/F • I2C Interface • Built-in A/D converter Maximum 10-bit Input 2 channel • Built-in D/A converter 8-bit Output 2-channel (Hall offset, Constant current Bias) • Built-in OP Amp 1 channel Hall Amp • Built-in OSC 48MHz (Frequency adjustment function) • Built-in PWM pulse generator circuit PWM circuit for AF control • 1-chip motor driver Saturation drive H bridge 1 channel • Package WL-CSP 12-pin Lead-free, halogen-free • Supply voltage Logic unit: Internal core typ 1.2V (1.08V to 1.32V), AVDD (2.6V to 3.6V) Driver unit: VM (2.6V to 3.6V) Package Dimensions unit : mm (typ) 3440 SANYO : WLP12(1.77x1.37) TOP VIEW SIDE VIEW SIDE VIEW BOTTOM VIEW 0.26 1.37 CB A 0.285 0.4 |
Número de pieza similar - LC898212XA |
|
Descripción similar - LC898212XA |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |