Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F2608A Datasheet(PDF) 10 Page - ON Semiconductor

No. de pieza LC87F2608A
Descripción Electrónicos  8-bit 1-chip microcontroller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F2608A Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LC87F2608A Datasheet HTML 6Page - ON Semiconductor LC87F2608A Datasheet HTML 7Page - ON Semiconductor LC87F2608A Datasheet HTML 8Page - ON Semiconductor LC87F2608A Datasheet HTML 9Page - ON Semiconductor LC87F2608A Datasheet HTML 10Page - ON Semiconductor LC87F2608A Datasheet HTML 11Page - ON Semiconductor LC87F2608A Datasheet HTML 12Page - ON Semiconductor LC87F2608A Datasheet HTML 13Page - ON Semiconductor LC87F2608A Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LC87F2608A
No.A2175-10/23
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port Name
Option Selected
in Units of
Option Type
Output Type
Pull-up Resistor
P10 to P12
1 bit
1
CMOS
Programmable
2
N-channel open drain
Programmable
P30 to P33
1 bit
1
CMOS
Programmable
2
N-channel open drain
Programmable
On-chip Debugger Pin Processing
For the processing of the on-chip debugger pins, refer to the separately available documents entitled "RD87 On-chip
Debugger Installation" and "LC872000 Series On-chip Debugger Pin Processing."
Recommended Unused Pin Connections
Pin Name
Recommended Unused Pin Connections
Board
Software
P10 to P12
OPEN
Set output low
P30 to P33
OPEN
Set output low
User Options
Option Name
Option Type
Flash Version
Option
Switched in
Unit of
Description
Port output type
P10 to P12
enable
1bit
CMOS
N-channel open drain
P30 to P33
enable
1bit
CMOS
N-channel open drain
Program start address
-
enable
-
00000H
01E00H
Brown-out detector reset
function
Brown-out detector
function
enable
-
Enable: Used
Disable: Not used
Brown-out trip level
enable
-
3 levels
Power-on-reset function
Power-on-reset level
enable
-
3 levels
High-speed RC oscillator
circuit
Oscillation frequency
enable
-
20 MHz
40 MHz
Package type
-
enable
-
MFP10S: LC87F2608A
MFP14S: Debugged by using
LC87D2708A or LC87F2708A


Número de pieza similar - LC87F2608A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC87F2416A ONSEMI-LC87F2416A Datasheet
426Kb / 28P
   8-bit Microcontroller
August, 2014
LC87F2416AU-EB-2E ONSEMI-LC87F2416AU-EB-2E Datasheet
426Kb / 28P
   8-bit Microcontroller
August, 2014
logo
Sanyo Semicon Device
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F2708A ONSEMI-LC87F2708A Datasheet
235Kb / 24P
   8-bit Microcontroller
September, 2014 Ver. 1.02
More results

Descripción similar - LC87F2608A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com