Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM1126 Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

No. de pieza SM1126
Descripción Electrónicos  Melody IC with Built-in SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1126 Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM1126 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM1126 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SM1126 Series
NIPPON PRECISION CIRCUITS—4
AC Characteristics
Ta = −20 to 70 °C, VSS = 0 V, VDD = 2.0 to 3.6 V
OSC input pulse (external clock input version)
SC input pulse
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
OSC pulse cycle
tOSC
“OSC input pulse (external clock
input version)” timing
4.0
µs
OSC HIGH-level pulsewidth
tOWH
2.0
µs
OSC LOW-level pulsewidth
tOWL
2.0
µs
OSC pulse rise time
tOr
200
ns
OSC pulse fall time
tOf
200
ns
SC pulsewidth
tSC
“SC input pulse” timing
4.0
µs
SC HIGH-level pulsewidth
tSWH
2.0
µs
SC LOW-level pulsewidth
tSWL
2.0
µs
SC pulse rise time
tSr
200
ns
SC pulse fall time
tSf
200
ns
SIO-SC setup time
tDS
“SC-SIO-ST serial input pulse”
timing
2.0
µs
SIO-SC hold time
tDH
2.0
µs
ST input write pulsewidth
tWP
2.0
µs
ST input write pulse rise time
tWr
200
ns
ST input write pulse fall time
tWf
200
ns
SIO output enable delay
tOE
“SIO parity check G-flag output
data” timing
600
ns
SIO output disable delay
tOD
600
ns
VDD
VSS
0.5VDD
tOf
tOr
OWH
tt
OSC
t
0.1VDD
0.9VDD
OWL
VDD
VSS
OWL
0.5VDD
tSf
tSr
SWH
t
SWL
t
SC
t
0.1VDD
0.9VDD


Número de pieza similar - SM1126

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SM112.SA ETC2-SM112.SA Datasheet
3Mb / 4P
   General Purpose Tweezers
logo
AiT Semiconductor Inc.
SM1120A AITSEMI-SM1120A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
SM1120A AITSEMI-SM1120A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
logo
Pletronics, Inc.
SM1120BDE PLETRONICS-SM1120BDE Datasheet
202Kb / 2P
   CMOS with Enable/ Disable, 3rd Overtone Crystal Used
SM1120BDS PLETRONICS-SM1120BDS Datasheet
202Kb / 2P
   CMOS with Enable/ Disable, 3rd Overtone Crystal Used
More results

Descripción similar - SM1126

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
CF1156 NPC-CF1156 Datasheet
83Kb / 7P
   CMOS melody LSIs with built-in LED driver
logo
Panasonic Semiconductor
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
GN01100B PANASONIC-GN01100B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
GN01081B PANASONIC-GN01081B Datasheet
56Kb / 2P
   GaAs IC with built-in ferroelectric
GN02035B PANASONIC-GN02035B Datasheet
22Kb / 1P
   GaAs IC(with built-in ferroelectric)
GN01096B PANASONIC-GN01096B Datasheet
29Kb / 2P
   GaAs IC(with built-in ferroelectric)
logo
Unisonic Technologies
15600 UTC-15600_15 Datasheet
171Kb / 6P
   MELODY IC
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
   Melody IC
logo
Unisonic Technologies
15600 UTC-15600 Datasheet
164Kb / 6P
   MELODY IC
logo
Nippon Precision Circui...
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com