Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC87F17C8AUWA-2H Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza LC87F17C8AUWA-2H
Descripción Electrónicos  LC87F17C8A
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F17C8AUWA-2H Datasheet(HTML) 2 Page - ON Semiconductor

  LC87F17C8AUWA-2H Datasheet HTML 1Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 2Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 3Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 4Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 5Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 6Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 7Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 8Page - ON Semiconductor LC87F17C8AUWA-2H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
LC87F17C8A
www.onsemi.com
2
Ports
 I/O ports
31 (P00 to P07, P10 to P17, P20 to P24, P30 to P32,
P70 to P73, PWM0, PWM1, XT2)
 USB ports
4 (UAD+, UAD–, UBD+, UBD–)
 Dedicated oscillator ports
2 (CF1, CF2)
 Input-only port (also used for the oscillator)
1 (XT1)
 PLL filter pins
2 (UFILT, AFILT)
 Reset pin
1 (RES)
 Debugger-dedicated pin
1 (OWP0)
 Power supply pins
6 (VSS1 to 3, VDD1 to 3)
Timers
 Timer 0 : 16-bit timer/counter with 2 capture registers
Mode 0 : 8-bit timer with an 8-bit programmable prescaler (with two 8-bit capture registers)
 2 channels
Mode 1 : 8-bit timer with an 8-bit programmable prescaler (with two 8-bit capture registers) + 8-bit counter
(with two 8-bit capture registers)
Mode 2 : 16-bit timer with an 8-bit programmable prescaler (with two 16-bit capture registers)
Mode 3 : 16-bit counter (with two 16-bit capture registers)
 Timer 1 : 16-bit timer/counter that supports PWM/toggle output
Mode 0 : 8-bit timer with an 8-bit prescaler (with toggle output) + 8-bit timer/counter with an 8-bit prescaler
(with toggle output)
Mode 1 : 8-bit PWM with an 8-bit prescaler
 2 channels
Mode 2 : 16-bit timer/counter with an 8-bit prescaler (with toggle output)
(Toggle output also possible from low-order 8 bits.)
Mode 3 : 16-bit timer with an 8-bit prescaler (with toggle output)
(Low-order 8 bits can be used as a PWM output.)
 Timer 4 : 8-bit timer with a 6-bit prescaler
 Timer 5 : 8-bit timer with a 6-bit prescaler
 Timer 6 : 8-bit timer with a 6-bit prescaler (with toggle output)
 Timer 7 : 8-bit timer with a 6-bit prescaler (with toggle output)
 Base timer
<1> The clock can be selected from among a subclock (32.768 kHz crystal oscillator), low-speed RC
oscillator clock, system clock, and timer 0 prescaler output.
<2> Interrupts programmable in 5 different time schemes.
Serial Interfaces
 SIO0 : Synchronous serial interface
<1> LSB first/MSB first selectable
<2> Transfer clock cycle : 4/3 to 512/3 tCYC
<3> Continuous automatic data transmission (1 to 256 bits can be specified in 1-bit units)
(Suspension and resumption of data transfer possible in 1-byte units)
 SIO1 : 8-bit asynchronous/synchronous serial interface
Mode 0 : Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clock)
Mode 1 : Asynchronous serial I/O (half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrate)
Mode 2 : Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clock)
Mode 3 : Bus mode 2 (start detection, 8 data bits, stop detection)
 SIO4 : Synchronous serial interface
<1> LSB first/MSB first selectable
<2> Transfer clock cycle : 4/3 to 1020/3 tCYC
<3> Continuous automatic data transmission (1 to 8192 bytes can be specified in 1-byte units)
(Suspension and resumption of data transmission possible in 1-byte units or in word units)
<4> Clock polarity can be selected.
<5> CRC16 calculator circuit built- in
 SMIIC0 : Single-master I2C/8-bit synchronous SIO
Mode 0 : Communication in single-master mode.
Mode 1 : 8-bit synchronous serial I/O (data MSB first)


Número de pieza similar - LC87F17C8AUWA-2H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC87F1364A SANYO-LC87F1364A Datasheet
145Kb / 22P
   8-bit 1-chip Microcontroller with Low-speed USB
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC87F1A32A SANYO-LC87F1A32A Datasheet
175Kb / 26P
   CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com