Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM1155 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

No. de pieza SM1155
Descripción Electrónicos  Melody LSIs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NPC [Nippon Precision Circuits Inc]
Página de inicio  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM1155 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM1155 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM1155 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM1155 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM1155 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM1155 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM1155 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM1155 Datasheet HTML 7Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SM1155 series
NIPPON PRECISION CIRCUITS—2
PAD DESCRIPTION
SPECIFICATIONS
Absolute Maximum Ratings
Electrical Characteristics
Ta = 25°C, VSS = 0V, VDD = 1.5V
Number
Name
i/o
Function
1T 2
Test pins (must be open)
2T 1
3T G
ip1
1. Built-in pull-down resistor (the resistance of the pull-down resistor varies with the applied voltage, as described in the Electrical Characteristics).
Melody mode control input
4
V S S
G round
5
OUT
o
Piezoelectric speaker driver outputs. Both pins are LOW in non-play mode. OUT is LOW and O U T is HIGH
during output for a musical rest note. Both pins are HIGH during the gap between musical notes.
6
OUT
7
V D D
Supply. The rear surface of the chip is V DD level.
8
T C
Test pins (must be open)
P arameter
Symbol
Condition
Rating
Unit
Supply voltage range
V DD − V SS
−0.3 to 5.0
V
Input voltage range
V IN
V SS − 0.2 to V DD + 0.2
V
O p e rating temperature range
Topr
−20 to 80
°C
Storage temperature range
T stg
−55 to 125
°C
P arameter
S y m b o l
Condition
Rating
Unit
min
typ
m a x
O p e rating voltage
V DD
1.2
1.5
3.6
V
Current consumption1
1. Measurement circuit
IDD1
Non-play mode
0.01
0.3
µ A
Current consumption2
IDD2
Melody modes: O U T, O U T open
2 5
5 0
µ A
T G L OW -level input voltage
V IL
––
V SS + 0.2
V
TG HIGH-level input voltage
V IH
V DD – 0.2
V
T G L OW -level input current
IIL
V IL = 0.4V
1.4
3.0
6.0
µ A
TG HIGH-level input current
IIH
V IH = 1.5V
1.4
3.0
6.0
µ A
OUT, OUT L OW -level output current
IOL
V OL = 0.75V
2.0
m A
OUT, OUT HIGH-level output current
IOH
V OH = 0.75V
2.0
m A
Internal oscillator frequency
fOSC
f0 = 50kHz
– 2 0
+ 2 0
%
H
SM1155
×××1S
L evel hold 1
SM1155
×××2S
L evel hold 2
SM1155
×××3S
One-shot
L/open
SM1155
×××1S/ 2S/ 3S
Non-play
VDD
VSS
A
1.5V
2. Measurement circuit
VDD
TG
VSS
A
1.5V


Número de pieza similar - SM1155

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SM115.SA ETC2-SM115.SA Datasheet
3Mb / 4P
   General Purpose Tweezers
logo
SeCoS Halbleitertechnol...
SM1150A SECOS-SM1150A Datasheet
210Kb / 2P
   1.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM1150A GWSEMI-SM1150A Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM1150A AITSEMI-SM1150A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
SM1150A AITSEMI-SM1150A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
More results

Descripción similar - SM1155

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Nippon Precision Circui...
CF1156 NPC-CF1156_06 Datasheet
78Kb / 8P
   Melody LSIs
CF1155 NPC-CF1155 Datasheet
65Kb / 7P
   Melody LSIs
CF1155 NPC-CF1155_06 Datasheet
74Kb / 8P
   Melody LSIs
CF1156 NPC-CF1156 Datasheet
83Kb / 7P
   CMOS melody LSIs with built-in LED driver
logo
NEC
UPD7759 NEC-UPD7759 Datasheet
183Kb / 18P
   ADPCM SPEECH SYNTHESIZER LSIs
logo
Panasonic Semiconductor
MN1380 PANASONIC-MN1380 Datasheet
157Kb / 20P
   CMOS LSIs for Voltage Detection
logo
Sanyo Semicon Device
LC7073 SANYO-LC7073 Datasheet
193Kb / 11P
   Error Detection Correction LSIs for RDS Demodulators
logo
Unisonic Technologies
15600 UTC-15600_15 Datasheet
171Kb / 6P
   MELODY IC
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
   Melody IC
logo
List of Unclassifed Man...
MMC334 ETC-MMC334 Datasheet
42Kb / 1P
   MELODY GENERATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com