Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SM5005 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc |
|
SM5005 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc |
9 / 10 page SM5005 series NIPPON PRECISION CIRCUITS—9 Load cct 1 Switching Time Measurement Waveform Output duty level (CMOS) Output duty cycle (CMOS) Output Enable/Disable Delay The following figure shows the oscillator timing during normal operation. Note that when the device is in standby, the oscillator stops. When standby is released, the oscillator starts and stable oscillator output occurs after a short delay. C L = 15pF: tr1, tf1, IDD (SM5005AL×V, CF5005AL×) C L = 30pF: tr2 , tf2 , tr3 , tf3 , IDD (CF5005AL×) Q output CL (Including probe capacity) 0.9VDD 0.1VDD 0.9VDD 0.1VDD tr tf Q output DUTY measuring voltage (0.5VDD ) TW DUTY measuring voltage (0.5VDD) Q output TW T DUTY= TW/ T 100 (%) Q output INH VIH VIL tPLZ tPZL INH inputwaveform tr = tf 10ns |
Número de pieza similar - SM5005 |
|
Descripción similar - SM5005 |