Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4148 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

No. de pieza 1N4148
Descripción Electrónicos  Small-Signal Diode Fast Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GOOD-ARK [GOOD-ARK Electronics]
Página de inicio  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

1N4148 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  1N4148_15 Datasheet HTML 1Page - GOOD-ARK Electronics 1N4148_15 Datasheet HTML 2Page - GOOD-ARK Electronics 1N4148_15 Datasheet HTML 3Page - GOOD-ARK Electronics 1N4148_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(T
A=25
oC unless otherwise noted.)
Silicon Epitaxial Planar Diode
Fast switching diode
This diode is also available in other case styles including the
MiniMELF case with the type designation LL4148, and the
DO-34 case with type designation 1N4148S.
Case: DO-34, DO-35 Glass Case
Weight: approx. 0.13g
8
4
1
4
N
1
e
d
o
i
D
l
a
n
g
i
S
-
ll
a
m
S
e
d
o
i
D
g
n
i
h
c
t
i
w
S
t
s
a
F
r
e
t
e
m
a
r
a
P
l
o
b
m
y
St
i
m
i
Lt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
RV
R
5
7s
t
l
o
V
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
PV
M
R
0
0
1s
t
l
o
V
t
n
e
r
r
u
c
d
e
i
f
i
t
c
e
r
e
g
a
r
e
v
A
T
t
a
d
a
o
l
e
v
i
t
s
i
s
e
r
h
t
i
w
n
o
i
t
a
c
i
f
i
t
c
e
r
e
v
a
w
f
l
a
h
b
m
a
5
2
=
oC
I
)
V
A
(
F
0
5
1
)
1
A
m
T
d
n
a
s
1
<
t
t
a
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
g
r
u
S
j
5
2
=
oCI
M
S
F
0
0
5A
m
T
t
a
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
b
m
a
5
2
=
oC )
1
(
P
t
o
t
0
0
5W
m
r
i
a
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
T
)
1
(
R
θ A
J
0
5
3
o
W
/
C
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
T
j
5
7
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
T
S
5
7
1
+
o
t
5
6
-
oC
624
Notes:
1. Valid provided that leads at a distance of 8mm from case are kept at ambient temperature


Número de pieza similar - 1N4148_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SHENZHEN YONGERJIA INDU...
1N4148 WINNERJOIN-1N4148_15 Datasheet
134Kb / 3P
   High-speed switching diode
logo
Rugao Dachang Electroni...
1N4148 DACHANG-1N4148_15 Datasheet
130Kb / 2P
   Switching Diodes
logo
Unisonic Technologies
1N4148 UTC-1N4148_15 Datasheet
298Kb / 4P
   HIGH-SPEED SWITCHING DIODE
logo
Diotec Semiconductor
1N4148 DIOTEC-1N4148_15 Datasheet
131Kb / 2P
   Ultrafast Recovery Rectifier Diodes
More results

Descripción similar - 1N4148_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GOOD-ARK Electronics
1N914 GOOD-ARK-1N914_15 Datasheet
64Kb / 1P
   Small-Signal Diode Fast Switching Diode
1N4151 GOOD-ARK-1N4151 Datasheet
170Kb / 3P
   Small-Signal Diode Fast Switching Diode
1N4454 GOOD-ARK-1N4454_15 Datasheet
164Kb / 2P
   Small-Signal Diode Fast Switching Diode
1N4151 GOOD-ARK-1N4151_15 Datasheet
171Kb / 3P
   Small-Signal Diode Fast Switching Diode
LL4150 GOOD-ARK-LL4150 Datasheet
55Kb / 1P
   Small-Signal Diode Fast Switching Diode
1N4150 GOOD-ARK-1N4150_15 Datasheet
59Kb / 1P
   Small-Signal Diode Fast Switching Diode
LL4151 GOOD-ARK-LL4151 Datasheet
163Kb / 3P
   Small-Signal Diode Fast Switching Diode
logo
Vishay Siliconix
1N4151W VISHAY-1N4151W Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 08-May-13
1N4448WS-G VISHAY-1N4448WS-G Datasheet
90Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.2, 14-Oct-16
BAS16D-G VISHAY-BAS16D-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0, 13-May-13
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com