Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC786961W-H Datasheet(PDF) 7 Page - ON Semiconductor

No. de pieza LC786961W-H
Descripción Electrónicos  Compact Disc Player IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786961W-H Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LC786961W-H Datasheet HTML 3Page - ON Semiconductor LC786961W-H Datasheet HTML 4Page - ON Semiconductor LC786961W-H Datasheet HTML 5Page - ON Semiconductor LC786961W-H Datasheet HTML 6Page - ON Semiconductor LC786961W-H Datasheet HTML 7Page - ON Semiconductor LC786961W-H Datasheet HTML 8Page - ON Semiconductor LC786961W-H Datasheet HTML 9Page - ON Semiconductor LC786961W-H Datasheet HTML 10Page - ON Semiconductor LC786961W-H Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LC786961W
No.A2081-7/29
Continued from the previous page.
Parameter
Symbol
Pin names
Conditions
min
typ
max
Unit
Built-in pull down resistor
RPD
SIFDO, SIFCE, BUSYB,
GP03, GP04, GP05, GP06,
GP07, GP10, GP11, GP12,
GP13, GP14, GP15, GP16,
GP17, GP20, GP21, GP22,
GP23, GP24, GP25, GP26,
GP27, GP60, GP61, GP62,
GP63, GP64, GP65,
SDDAT00 to SDDAT15
50
100
200
k
Charge pump output current
IPDOH
PDOUT1, PDOUT0
PCKIST = 100k
Current value
setting: 1x
42.50
50.00
57.50
A
IPDOL
PDOUT1, PDOUT0
-57.50
-50.00
-42.50
A
IAFILH
AFILT
15.0
A
IAFILL
AFILT
15.0
A
<Note>
 Put a internal pull down resistor or external pull down resistor or external pull up resistor to the SIFDO pin if its
output condition is set to 3-State mode.
Package Dimensions
unit : mm (typ)
3214A
SANYO : SQFP144 (20X20)
20.0
22.0
0.145
0.2
0.5
(1.25)
136
37
72
73
108
109
144


Número de pieza similar - LC786961W-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
More results

Descripción similar - LC786961W-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com