Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LC786961W-H Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza LC786961W-H
Descripción Electrónicos  Compact Disc Player IC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC786961W-H Datasheet(HTML) 2 Page - ON Semiconductor

  LC786961W-H Datasheet HTML 1Page - ON Semiconductor LC786961W-H Datasheet HTML 2Page - ON Semiconductor LC786961W-H Datasheet HTML 3Page - ON Semiconductor LC786961W-H Datasheet HTML 4Page - ON Semiconductor LC786961W-H Datasheet HTML 5Page - ON Semiconductor LC786961W-H Datasheet HTML 6Page - ON Semiconductor LC786961W-H Datasheet HTML 7Page - ON Semiconductor LC786961W-H Datasheet HTML 8Page - ON Semiconductor LC786961W-H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LC786961W
No.A2081-2/29
Detail of Functions
CD DSP functions
<Playback functions>
 Playback mode: CLV playback/Jitter free playback (VCEC)
 Playback speed: Normal speed, double speed , Quadruple speed
<RF Processing block>
 RF system:AGC, CD-R and CD-R/W playback support, peak hold, bottom hold
 Error system: TE signal generation, FE signal generation
 Detection: Track count signal, Jitter, Defect (black, mirror)
 LASER power controller (APC)
 DC offset voltage cancellation
<Servo control block>
 All servo systems as tracking, focus, sled and spindle are implemented with digital processing.
 Automatic adjustment functions: focus gain, focus bias, focus offset,
tracking gain, tracking offset and tracking balance
 Shock detection / Interruption detection
<CD signal processing block>
 EFM signal synchronization detection, protection and interpolation
 Error detection, correction (C1=double, C2=quadruple/double)
 Jitter margin ±19 frames
<CD TEXT processing block>
 Buffers CD-TEXT data to the desired area of SDRAM
 Starts buffering desired ID3/ID4 of CD-TEXT data.
<CD-DA Anti-shock processing block>
 Anti-shock processing using with SDRAM
Maximum about 10 seconds with 16M bit SDRAM and about 40 seconds with 64M bit SDRAM
<CD-ROM processing block>
 CD-ROM decoding (Mode1, Mode2 <form1, form2>)
 Outputs CD-ROM decoded data
Compressed audio decode functions
 MP3 decode (ISO/IEC 11172-3, ISO/IEC 13818-3)
Sampling rate support:
MPEG1-Layer1/2/3 (32kHz, 44.1kHz, 48kHz)
MPEG2-Layer1/2/3 (16kHz, 22.05kHz, 24kHz)
MPEG2.5-Layer3 ( 8kHz, 11.025kHz, 12kHz)
Bit rate support:
All Bit Rate (Variable Bit Rate support)
MPEG header read support
 WMA decode (Version 9 standard)
Sampling rate support:
8kHz, 11.025kHz, 16kHz, 22.05kHz, 32kHz, 44.1kHz, 48kHz
Bit rate support:
5kbps to 384kbps (Variable Bit Rate support)
 AAC decode (ISO/IEC 14496-3, ISO/IEC 13818-7)
Profile:
MPEG4-AAC-LowComplexity
Sampling rate support:
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz,
48kHz
Bit rate support:
Monaural 8kbps to 160kbps (Variable bit rate support)
Stereo
16kbps to 320kbps (Variable bit rate support)
 Decodes both the compressed data read from the disc and input from outside through the interface pins


Número de pieza similar - LC786961W-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
More results

Descripción similar - LC786961W-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com